Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 49Page - Renesas Technology Corp M66596FP Datasheet HTML 50Page - Renesas Technology Corp M66596FP Datasheet HTML 51Page - Renesas Technology Corp M66596FP Datasheet HTML 52Page - Renesas Technology Corp M66596FP Datasheet HTML 53Page - Renesas Technology Corp M66596FP Datasheet HTML 54Page - Renesas Technology Corp M66596FP Datasheet HTML 55Page - Renesas Technology Corp M66596FP Datasheet HTML 56Page - Renesas Technology Corp M66596FP Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 51 of 127
3.1.7
Low power consumption control
3.1.7.1 Overview of Low-power sleep state
In order to reduce power consumption, the controller is equipped with a function for setting a low-power sleep
state.
Controlling the clock and the low-power sleep state enables reduced power consumption when communication is not
being carried out, such as in the suspended state or disconnected state. In order to coordinate the relationship
between the controller clock supply being enabled and disabled in low-power sleep state, the values shown in Table
3.3 indicate the correspondence between the controller state and the value of the SYSCFG register, while Figure
3.3 shows the transitions in the controller state.
For the timing at which the transitions between the various states take place, and the register control timing, please
refer to 3.1.8 .
Table 3.3 Correspondence between the controller state and SYSCFG register value
Controller state
Values of the various SYSCFG register bits
Explanation
H/W reset
XTAL=0, XCKE=0, RCKE=0, PLLC=0, SCKE=0,
ATCKM=0, HSE=0, DPRPD=0, DPRPU=0,
FSRPC=0, PCUT=0, USBE=0
Normal operating state
XTAL=xx *1), XCKE=1, RCKE=1, PLLC=x *1),
SCKE=1, ATCKM=x *1), HSE=x *1), DPRPD=x*1),
DPRPU=x *1), FSRPC=x *1),
PCUT=0, USBE=1
In this state, the clock is supplied to
the controller, and USB
communication is enabled.
Low-power sleep state
XTAL=xx *1), XCKE=0, RCKE=0, PLLC=0,
SCKE=0, ATCKM=x *1), HSE= x *1), DPRPD=x*1),
DPRPU=x *1), FSRPC=x *1), PCUT=1, USBE=1
In this state, USB communication is
not carried out, such as when
communication is suspended or a
cable is disconnected.
*1) x indicates that the value is set by the user is retained.
H/W reset
Low-power sleep
Normal operating
state
Suspended,
detached
Resume,
attached
Default setting
Attached
Figure 3.3 Controller state transitions (using low-power sleep state)
At the Hsot mode, if Remote Wake Up signal is received when suspend state, it is necessary to supply an internal
clock (SCKE) within 1ms after signal detection, and to start a resume signal output. For this reason, when you
enable Remote Wake Up , do not stop the internal clock, and a setup of a Low-power sleep state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com