Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 4Page - Renesas Technology Corp M66596FP Datasheet HTML 5Page - Renesas Technology Corp M66596FP Datasheet HTML 6Page - Renesas Technology Corp M66596FP Datasheet HTML 7Page - Renesas Technology Corp M66596FP Datasheet HTML 8Page - Renesas Technology Corp M66596FP Datasheet HTML 9Page - Renesas Technology Corp M66596FP Datasheet HTML 10Page - Renesas Technology Corp M66596FP Datasheet HTML 11Page - Renesas Technology Corp M66596FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 6 of 127
State of pin *7)
Category
Pin name
Name
I/O
Function
Pin
count
(Pin
no.s.)
RST_
N=”L”
RST_
N
goes
“H”
PCUT
=1
SOF_N
SOF pulse
output
OUT
When an SOF is detected in the “L”
active state, an SOF pulse is output.
1
(52)
H
H
H
XIN
Oscillation
input
IN
1
(10)
Clock
XOUT
Oscillation
output
OUT
A crystal oscillator should be
connected between XIN and XOUT.
When using external clock input, the
external clock signal should be
connected to XIN, and XOUT should
be open.
1
(11)
RST_N
Reset signal
IN
At “L” level, the controller is initialized.
1
(63)
Input
(L)
Input
(H)
Input
(H)
System
control
TEST
Test signal
IN
This should be fixed at “L” or open.
1
(16)
DP
USB D+ data
I/O
This should be connected to the D+
pin of the USB bus.
1
(4)
Input
(Hi-z)
Input
(Hi-z)
Input
(Hi-z)
USB bus
interface
DM
USB D- data
I/O
This should be connected to the D- pin
of the USB bus.
1
(3)
Input
(Hi-z)
Input
(Hi-z)
Input
(Hi-z)
VBUS
monitor
input
VBUS
VBUS input
IN
This should be connected directly to
the Vbus of the USB bus. The
connected or disconnected state of the
Vbus can be detected. If this pin is not
connected with Vbus of a USB bus,
connect 5V.
And in case of a host controller, please
fix to 5V too.
*This pin can’t supply vbus.
1
(5)
Input
(Hi-z)
Input
(Hi-z)
Input
(Hi-z)
Reference
resistance
REFRIN
Reference
input
IN
This should be connected to AFEA33G
through a 5.6 kOhm ±1% resistance.
1
(8)
AFEA33V
Transceiver
unit analog
power supply
-
This should be connected to 3.3 V.
1
(12)
AFEA33G
Transceiver
unit analog
GND
-
1
(9)
AFED33V
Transceiver
unit digital
power supply
-
This should be connected to 3.3 V.
1
(2)
AFED33G
Transceiver
unit digital
GND
-
1
(1)
AFEA15V
Transceiver
unit analog 1.5
V power
supply
-
This should be connected to 1.5 V.
1
(6)
AFEA15G
Transceiver
unit analog
GND
-
1
(7)
AFED15V
Transceiver
unit digital 1.5
V power
supply
-
This should be connected to 1.5 V.
1
(13)
AFED15G
Transceiver
unit digital
GND
-
1
(14)
VDD
Core power
supply
-
This should be connected to 1.5 V.
1
(40)
VIF
IO power
supply
-
This should be connected to 3.3 V or
1.8 V.
3
(15, 42,
64)
Power
supply /
GND
DGND
Digital GND
-
1
(41)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com