Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 72Page - Renesas Technology Corp M66596FP Datasheet HTML 73Page - Renesas Technology Corp M66596FP Datasheet HTML 74Page - Renesas Technology Corp M66596FP Datasheet HTML 75Page - Renesas Technology Corp M66596FP Datasheet HTML 76Page - Renesas Technology Corp M66596FP Datasheet HTML 77Page - Renesas Technology Corp M66596FP Datasheet HTML 78Page - Renesas Technology Corp M66596FP Datasheet HTML 79Page - Renesas Technology Corp M66596FP Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 74 of 127
The controller may carry out writing to the PID bit, depending on the results of the transaction.
(1)
Host mode
(a) NAK setting
:
In the following cases, it becomes "PID=NAK" and issue of a token is stopped automatically.
- When a peripheral device ignores the token other than isochronous transfer.
- When the packet which is not normal is received during transmission other than isocronous transfer.
- When a short packet is received, if the SHTNAK bit of the PIPECFG register has been set to “1” for bulk
transfer,
- When the transaction counter has ended, if the SHTNAK bit of the PIPECFG register has been set to “1” for
bulk transfers.
(b) BUF setting
The controller doesn’t set up “PID=BUF”.
(c)
STALL setting :
In the following cases, it becomes "PID=STALL" and issue of a token is stopped automatically.
- When the “STALL” packet from a peripheral device is received..
- When an error has been detected in a received data packet indicating that the data size
exceeds the maximum packet size
(2)
Peripheral mode
(a) NAK setting
:
- When the SETUP token is received normally (DCP only)
- When a short packet is received, if the SHTNAK bit of the PIPECFG register has been set to “1” for bulk
transfers
- When the transaction counter has ended, if the SHTNAK bit of the PIPECFG register has been set to “1” for
bulk transfers
(b) STALL setting :
- When an error has been detected in a received data packet indicating that the data size
exceeds the maximum packet size
- When a control transfer stage transition error has been detected
3.3.5 Registers that should not be set in the USB communication enabled (“PID=BUF”) state
ISEL
bit of the CFIFOSEL
register (applies only when DCP is selected)
TGL
and SCLR bits of the CFIFOSIE
register
DCLRM
, TRENB, TRCLR, and DEZPM bits of the DxFIFOSEL register
TRNCNT
bit of the DxFIFOTRN register
The various bits of the DCPCFG
and DCPMAXP registers
The various bits of the DCPCTR
register (except for the CCPL bit)
The various bits of the PIPECFG
, PIPEBUF, and PIPEMAXP registers
The various bits of the PIPEPERI
and PIPExCTR registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com