Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 21Page - Renesas Technology Corp M66596FP Datasheet HTML 22Page - Renesas Technology Corp M66596FP Datasheet HTML 23Page - Renesas Technology Corp M66596FP Datasheet HTML 24Page - Renesas Technology Corp M66596FP Datasheet HTML 25Page - Renesas Technology Corp M66596FP Datasheet HTML 26Page - Renesas Technology Corp M66596FP Datasheet HTML 27Page - Renesas Technology Corp M66596FP Datasheet HTML 28Page - Renesas Technology Corp M66596FP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 23 of 127
2.5 External input/output control
Data pin configuration register [PINCFG]
<Address: 0AH>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LDRV
BIGEND
0
-
-
-
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
-
-
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
Bit
Name
Function
S/W
H/W
Note
15
LDRV
Output pins drive current control
0: When VIF=1.6-2.0 V
1: When VIF=2.7-3.6 V
R/W
R
2.5.1
*1)
14-9 Nothing is placed here. These should be fixed at “0”.
8
BIGEND
FIFO port Endian
0: Little Endian
1: Big Endian
R/W
R
2.5.2
*1)
7-0 Nothing is placed here. These should be fixed at “0”.
<<Note>>
*1) The BIGEND bit is common to all of the FIFO ports and available for the FIFO ports only. The BIGEND bit
doesn’t affects register access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com