Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 101Page - Renesas Technology Corp M66596FP Datasheet HTML 102Page - Renesas Technology Corp M66596FP Datasheet HTML 103Page - Renesas Technology Corp M66596FP Datasheet HTML 104Page - Renesas Technology Corp M66596FP Datasheet HTML 105Page - Renesas Technology Corp M66596FP Datasheet HTML 106Page - Renesas Technology Corp M66596FP Datasheet HTML 107Page - Renesas Technology Corp M66596FP Datasheet HTML 108Page - Renesas Technology Corp M66596FP Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 103 of 127
4.6 Electrical characteristics(D+/D-)
4.6.1
DC characteristics
Rated value
Symbol
Item
Measurement conditions
Min.
Typ.
Max.
Unit
RREF
Reference resistance
5.544
5.6
5.656
k
Ω
HS operation
40.5
45
49.5
Ω
Ro
FS driver
output impedance
FS operation
28
36
44
Ω
Idle status
0.9
1.575
k
Ω
Rpu
D+ pull-up resistance
(Peripheral mode)
Transmitting and receiving status
1.425
3.09
k
Ω
Rpd
D+,D- pull-down resistance
(Host mode)
14.25
24.80
k
Ω
Input characteristics for Full-Speed operation
VIH
“H” input voltage
2.0
V
VIL
“L” input voltage
0.8
V
VDI
Differential input sensitivity
⏐(D+)-(D-)⏐
0.2
V
VCM
Differential common mode
range
0.8
2.5
V
Output characteristics for Full-Speed operation
VOL
"L" output voltage
RL of 1.5K
Ω to
3.6V
0.3
V
VOH
"H" output voltage
AFEAVDD =
3.0V
RL of 15K
Ω to
GND
2.8
3.6
V
VSE
Single-ended receiver
threshold voltage
0.8
2.0
V
VORS
Output signal crossover
voltage
CL=50 pF
1.3
2.0
V
Input characteristics for Hi-Speed operation
VHSSQ
Squelch detection threshold
voltage (differential)
100
150
mV
VHSCM
Common mode range
-50
500
mV
Output characteristics for Hi-Speed operation
VHSOI
Idle state
-10.0
10
mV
VHSOH
“H” output voltage
360
440
mV
VHSOL
“L” output voltage
-10.0
10
mV
VCHIRPJ
Chirp J output voltage
(differential)
700
1100
mV
VCHIRPK
Chirp K output voltage
(differential)
-900
-500
mV
4.6.2
AC characteristics(Full-Speed)
Rated value
Symbol
Item
Measurement conditions
Min.
Standa
rd
Max.
Unit
Tr
Rise transition time
10% to 90% of the data signal
amplitude
CL=50 pF
4
20
ns
Tf
Fall transition time
90% to 10% of the data signal:
amplitude
CL=50 pF
4
20
ns
TRFM
Rise / fall time matching
tr/tf
90
111.11
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com