Electronic Components Datasheet Search
  English  ▼

X  

EM783 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # EM783
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button EM783 Datasheet HTML 26Page - NXP Semiconductors EM783 Datasheet HTML 27Page - NXP Semiconductors EM783 Datasheet HTML 28Page - NXP Semiconductors EM783 Datasheet HTML 29Page - NXP Semiconductors EM783 Datasheet HTML 30Page - NXP Semiconductors EM783 Datasheet HTML 31Page - NXP Semiconductors EM783 Datasheet HTML 32Page - NXP Semiconductors EM783 Datasheet HTML 33Page - NXP Semiconductors EM783 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
30 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
Conditions: VDD(3V3) = 3.3 V; active mode entered executing code while(1){} from flash; all
peripherals enabled in the SYSAHBCLKCTRL register; all analog peripherals enabled in the
PDRUNCFG register; power mode 0 (see Section 7.18.6.2).
(1) SysOsc and system PLL disabled; IRC enabled.
(2) SysOsc and system PLL enabled; IRC disabled.
Fig 6.
Active mode: Typical supply current IDD versus temperature for different system
clock frequencies (all peripherals enabled)
Conditions: VDD(3V3) = 3.3 V; sleep mode entered from flash; all peripherals disabled in the
SYSAHBCLKCTRL register and PDRUNCFG register; all peripheral clocks disabled; BOD
disabled; power mode 0 (see Section 7.18.6.2).
(1) SysOsc and system PLL disabled; IRC enabled.
(2) SysOsc and system PLL enabled; IRC disabled.
Fig 7.
Sleep mode: Typical supply current IDDversus temperature for different system
clock frequencies (all peripherals disabled)
002aah185
2.7
3
3.3
3.6
0
1.6
3.2
4.8
6.4
8
VDD(3V3) (V)
IDD
(mA)
12 MHz(1)
24 MHz(2)
36 MHz(2)
48 MHz(2)
002aah186
-40
-15
10
35
60
85
0
1.6
3.2
4.8
6.4
8
temperature (°C)
IDD
(mA)
12 MHz(1)
24 MHz(2)
36 MHz(2)
48 MHz(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com