Electronic Components Datasheet Search
  English  ▼

X  

EM783 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # EM783
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button EM783 Datasheet HTML 5Page - NXP Semiconductors EM783 Datasheet HTML 6Page - NXP Semiconductors EM783 Datasheet HTML 7Page - NXP Semiconductors EM783 Datasheet HTML 8Page - NXP Semiconductors EM783 Datasheet HTML 9Page - NXP Semiconductors EM783 Datasheet HTML 10Page - NXP Semiconductors EM783 Datasheet HTML 11Page - NXP Semiconductors EM783 Datasheet HTML 12Page - NXP Semiconductors EM783 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
9 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
10
P0_2/SCL/SWCLK/CT16B0_CAP0
[7]
I/O
I; IA
P0_2 — General-purpose digital input/output pin.
High-current sink (20 mA) or standard-current sink (4
mA) programmable; true open-drain for all pin
functions. Input glitch filter (50 ns) capable.
I/O
-
SCL — I2C-bus clock (true open-drain) input/output
with selectable 50 ns input glitch filter. Input glitch
filter (50 ns) capable.
I-
SWCLK — Serial Wire Debug Clock (secondary).
Input glitch filter (50 ns) capable.
I-
CT16B0_CAP0 — Capture input 0 for 16-bit timer 0.
11
P0_3/SDA/SWDIO
[7]
I/O
I; IA
P0_3 — General-purpose digital input/output pin.
High-current sink (20 mA) or standard-current sink (4
mA) programmable; true open-drain for all pin
functions. Input glitch filter (50 ns) capable.
I/O
-
SDA — I2C-bus data (true open-drain) input/output.
Input glitch filter (50 ns) capable.
I/O
-
SWDIO — Serial Wire Debug I/O (secondary). Input
glitch filter (50 ns) capable.
12
P0_25/SDA
[2]
I/O
I; PU
P0_25 — General-purpose digital input/output pin.
I/O
-
SDA — I2C-bus data input/output. This pin is not an
I2C-bus open-drain pin[10].
13
P0_16/ATRG0/CT16B0_CAP1/SCL
[8]
I/O
I; PU
P0_16 — General-purpose digital input/output pin.
Input glitch filter (10 ns) capable.
I-
ATRG0 — Conversion trigger for DAC. Input glitch
filter (10 ns) capable.
I-
CT16B0_CAP1 — Capture input 1 for 16-bit timer 0.
Input glitch filter (10 ns) capable.
I/O
-
SCL — I2C-bus clock input/output. This pin is not an
I2C-bus open-drain pin[10]. Input glitch filter (10 ns)
capable.
14
VBIAS
[8]
I-
VBIAS — Bias voltage input for metrology engine.
15
P0_20/SCK0
[2]
I/O
I; PU
P0_20 — General-purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SSP0.
16
P0_21/CTS/SCLK
[2]
I/O
I; PU
P0_21 — General-purpose digital input/output pin. If
configured as output, this pin is a high-current source
output driver (20 mA).
I-
CTS — Clear To Send input for USART.
I/O
-
SCLK — Serial clock for USART.
17
P0_22/MISO0
[2]
I/O
I; PU
P0_22 — General-purpose digital input/output pin.
Input glitch filter (10 ns) capable.
I/O
-
MISO0 — Master In Slave Out for SSP0. Input glitch
filter (10 ns) capable.
Table 4.
EM783 pin description …continued
Pin
no.
EM783 symbol
Type Reset
state
[1]
Description
SC
SP
TP
MC3 MC6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com