Electronic Components Datasheet Search
  English  ▼

X  

EM783 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # EM783
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button EM783 Datasheet HTML 34Page - NXP Semiconductors EM783 Datasheet HTML 35Page - NXP Semiconductors EM783 Datasheet HTML 36Page - NXP Semiconductors EM783 Datasheet HTML 37Page - NXP Semiconductors EM783 Datasheet HTML 38Page - NXP Semiconductors EM783 Datasheet HTML 39Page - NXP Semiconductors EM783 Datasheet HTML 40Page - NXP Semiconductors EM783 Datasheet HTML 41Page - NXP Semiconductors EM783 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
38 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
10.3 Flash/EEPROM memory
[1]
Number of program/erase cycles.
[2]
Programming times are given for writing 256 bytes to the flash. Data must be written to the flash in blocks of
256 bytes. Flash programming is accomplished via IAP calls (see EM783 user manual). Execution time of
IAP calls depends on the system clock and is typically between 1.5 ms and 2 ms per 256 bytes.
10.4 External clock for oscillator in slave mode
Remark: The input voltage on the XTALIN pin must be
 1.95 V (see Table 6). For
connecting the oscillator to the XTALIN/XTALOUT pins, see Section 12.1.
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
Table 10.
Flash characteristics
Tamb = 40 C to +85 C. Based on JEDEC NVM qualification. Failure rate < 10 ppm for parts as
specified below.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
[1] 10000
100000
-
cycles
tret
retention time
powered
10
20
-
years
unpowered
20
40
-
years
ter
erase time
sector or multiple
consecutive
sectors
95
100
105
ms
tprog
programming
time
[2] 0.95
1
1.05
ms
Table 11.
EEPROM characteristics
Tamb = 40 Cto+85 C; VDD(3V3) = 2.6 V to 3.6 V. Based on JEDEC NVM qualification. Failure rate
< 10 ppm for parts as specified below.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
100000
1000000
-
cycles
tret
retention time
powered
100
200
-
years
unpowered
150
300
-
years
ter
erase time
64 bytes
-
1.8
-
ms
tprog
programming
time
64 bytes
-
1.1
-
ms
Table 12.
Dynamic characteristic: external clock (XTALIN or CLKIN pin)
Tamb = 40 C to +85 C; VDD(3V3) over specified ranges.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc
oscillator frequency
1
-
25
MHz
tcy(clk)
clock cycle time
40
-
1000
ns
tCHCX
clock HIGH time
tcy(clk)  0.4
--ns
tCLCX
clock LOW time
tcy(clk)  0.4
--ns
tCLCH
clock rise time
-
-
5
ns
tCHCL
clock fall time
-
-
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com