Electronic Components Datasheet Search
  English  ▼

X  

EM783 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # EM783
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button EM783 Datasheet HTML 7Page - NXP Semiconductors EM783 Datasheet HTML 8Page - NXP Semiconductors EM783 Datasheet HTML 9Page - NXP Semiconductors EM783 Datasheet HTML 10Page - NXP Semiconductors EM783 Datasheet HTML 11Page - NXP Semiconductors EM783 Datasheet HTML 12Page - NXP Semiconductors EM783 Datasheet HTML 13Page - NXP Semiconductors EM783 Datasheet HTML 14Page - NXP Semiconductors EM783 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
11 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
25
SWDIO/P0_10/
CT16B0MAT2/
RTS
I2_H
V2
I2_H I6
[8]
I/O
I; PU
SWDIO — Primary (default) Serial Wire Debug I/O.
Input glitch filter (10 ns) capable.
I/O
-
P0_10 — General-purpose digital input/output pin.
Input glitch filter (10 ns) capable.
O-
CT16B0_MAT2 — Match output 2 for 16-bit timer 0.
O-
RTS — Request To Send output for USART.
I-
I2_H — High-gain current input for metrology engine
of SP and MC3 variant.
I-
I6 — Current input for metrology engine of MC6
variant.
I-
V2 — Voltage input for metrology engine of TP
variant.
26
P0_11/SCLK/CT32B0_
CAP0
I3
I3_L
I3
[8]
I/O
I; PU
P0_11 — General-purpose digital input/output pin.
Input glitch filter (10 ns) capable.
I/O
-
SCLK — Serial clock for USART. Input glitch filter (10
ns) capable.
I-
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
Input glitch filter (10 ns) capable.
I-
I3_L — Low-gain current input for metrology engine
of MC3 variant.
I-
I3 — Current input for metrology engine of TP and
MC6 variants.
27
P0_15/TXD/CT32B0_C
AP2/SDA
V3
I3_H I4
[8]
I/O
I; PU
P0_15 — General-purpose digital input/output pin.
Input glitch filter (10 ns) capable.
O-
TXD — Transmitter data output for USART.
I-
CT32B0_CAP2 — Capture input 2 for 32-bit timer 0.
Input glitch filter (10 ns) capable.
I/O
-
SDA — I2C-bus data input/output. This pin is not an
I2C-bus open-drain pin[10]. Input glitch filter (10 ns)
capable.
I-
I3_H — High-gain current input for metrology engine
of MC3 variant.
I-
I4 — Current input for metrology engine of MC6
variant.
I-
V3 — Voltage input for metrology engine of TP
variant.
28
V1
[2]
I-
V1 — Voltage input for metrology engine.
29
VDD(3V3)
[5]
[6]
-
-
3.3 V supply voltage to the metrology engine, internal
regulator, and internal clock generator circuits. Also
used as the metrology engine reference voltage.
30
P0_23/RTS/CT32B0_CAP0/SCLK
[2]
I/O
I; PU
P0_23 — General-purpose digital input/output pin.
O-
RTS — Request To Send output for USART.
I-
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
I/O
-
SCLK — Serial clock for USART.
Table 4.
EM783 pin description …continued
Pin
no.
EM783 symbol
Type Reset
state
[1]
Description
SC
SP
TP
MC3 MC6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com