Electronic Components Datasheet Search
  English  ▼

X  

EM783 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # EM783
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783 Datasheet(HTML) 1 Page - NXP Semiconductors

  EM783 Datasheet HTML 1Page - NXP Semiconductors EM783 Datasheet HTML 2Page - NXP Semiconductors EM783 Datasheet HTML 3Page - NXP Semiconductors EM783 Datasheet HTML 4Page - NXP Semiconductors EM783 Datasheet HTML 5Page - NXP Semiconductors EM783 Datasheet HTML 6Page - NXP Semiconductors EM783 Datasheet HTML 7Page - NXP Semiconductors EM783 Datasheet HTML 8Page - NXP Semiconductors EM783 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
1.
General description
The EM783-SC/SP/TP/MC3/MC6 is an ARM Cortex-M0-based, low-cost 32-bit family of
application processors, designed for energy measurement and monitoring applications.
The EM783 offers programmability and on-chip metrology functionality combined with a
low power, simple instruction set. It also has memory addressing together with reduced
code size compared to existing 8/16-bit architectures.
The EM783 operate at CPU frequencies of up to 48 MHz.
The digital peripherals on the EM783 include:
• 32 kB of flash memory
• 4 kB of EEPROM data memory
• 8 kB of SRAM data memory
• Fast-mode Plus I2C-bus interface
• RS-485/EIA-485 USART
• one SSP controller
• two general-purpose counter/timers
• up to 22 general-purpose I/O pins
A metrology engine with built-in temperature sensor is used for energy measurements. A
10-bit DAC and an internal voltage reference are also available.
2.
Features and benefits
 System:
 ARM Cortex-M0 processor, running at frequencies of up to 48 MHz.
 ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
 Serial Wire Debug (SWD).
 System tick timer.
 Memory:
 32 kB on-chip flash program memory.
 4 kB on-chip EEPROM data memory for energy registers and calibration
parameters; byte erasable and byte programmable.
 8 kB SRAM data memory.
 16 kB boot ROM.
 In-System Programming (ISP) for flash and In-Application Programming (IAP) for
flash and EEPROM via on-chip bootloader software.
 Includes ROM-based 32-bit integer division routines.
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
Rev. 2 — 17 January 2014
Product data sheet


Similar Part No. - EM783

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM780FP16AS-45LF EMLSI-EM780FP16AS-45LF Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-45LL EMLSI-EM780FP16AS-45LL Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LF EMLSI-EM780FP16AS-70LF Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LL EMLSI-EM780FP16AS-70LL Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AW-45LF EMLSI-EM780FP16AW-45LF Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM783

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
logo
NXP Semiconductors
EM773 NXP-EM773 Datasheet
868Kb / 45P
Energy metering IC; up to 32 kB flash and 8 kB SRAM
Rev. 1-1 September 2010
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
EM773 PHILIPS-EM773_12 Datasheet
882Kb / 51P
Energy metering IC; up to 32 kB flash and 8 kB SRAM
Rev. 2-3 January 2012
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
logo
NXP Semiconductors
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com