Electronic Components Datasheet Search
  English  ▼

X  

EM783 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # EM783
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button EM783 Datasheet HTML 9Page - NXP Semiconductors EM783 Datasheet HTML 10Page - NXP Semiconductors EM783 Datasheet HTML 11Page - NXP Semiconductors EM783 Datasheet HTML 12Page - NXP Semiconductors EM783 Datasheet HTML 13Page - NXP Semiconductors EM783 Datasheet HTML 14Page - NXP Semiconductors EM783 Datasheet HTML 15Page - NXP Semiconductors EM783 Datasheet HTML 16Page - NXP Semiconductors EM783 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
13 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
7.
Functional description
7.1 ARM Cortex-M0 processor
The ARM Cortex-M0 is a general purpose, 32-bit microprocessor, which offers high
performance and very low power consumption.
7.2 On-chip flash program memory
The EM783 contains up to 32 kB of on-chip flash program memory.
7.3 On-chip EEPROM data memory
The EM783 contains up to 4 kB of on-chip EEPROM data memory.
Remark: The top 64 bytes of the 4 kB EEPROM are reserved and cannot be written to.
7.4 On-chip SRAM
The EM783 contain a total of 8 kB, 4 kB, or 2 kB on-chip static RAM data memory.
7.5 Memory map
The EM783 incorporate several distinct memory regions, shown in the following figures.
Figure 3 shows the overall map of the entire address space from the user program
viewpoint following reset. The interrupt vector area supports address remapping.
The AHB peripheral area is 2 MB in size, and is divided to allow for up to 128 peripherals.
The APB peripheral area is 512 kB in size and is divided to allow for up to 32 peripherals.
Each peripheral of either type is allocated 16 kB of space. This space allows simplifying
the address decoding for each peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com