Electronic Components Datasheet Search
  English  ▼

X  

EM783 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # EM783
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button EM783 Datasheet HTML 43Page - NXP Semiconductors EM783 Datasheet HTML 44Page - NXP Semiconductors EM783 Datasheet HTML 45Page - NXP Semiconductors EM783 Datasheet HTML 46Page - NXP Semiconductors EM783 Datasheet HTML 47Page - NXP Semiconductors EM783 Datasheet HTML 48Page - NXP Semiconductors EM783 Datasheet HTML 49Page - NXP Semiconductors EM783 Datasheet HTML 50Page - NXP Semiconductors EM783 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
47 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
12. Application information
12.1 XTAL input
The input voltage to the on-chip oscillators is limited to 1.8 V. If a clock in slave mode
drives the oscillator, it is recommended that the input is coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci/(Ci + Cg). In slave
mode, a minimum of 200 mV(RMS) is needed.
In slave mode, the input clock signal should be coupled using a capacitor of 100 pF
(Figure 22), with an amplitude between 200 mV (RMS) and 1000 mV (RMS). This
corresponds to a square wave signal with a signal swing of between 280 mV and 1.4 V.
The XTALOUT pin in this configuration can be left unconnected.
External components and models used in oscillation mode are shown in Figure 23 and in
Table 22 and Table 23. Since the feedback resistance is integrated on chip, for
fundamental mode oscillation, only connect a crystal and the capacitances CX1 and CX2
externally. L, CL and RS define the fundamental frequency. Capacitance CP in Figure 23
represents the parallel package capacitance and should not be larger than 7 pF.
Parameters FOSC, CL, RS and CP are supplied by the crystal manufacturer (see Table 22).
Fig 22. Slave mode operation of the on-chip oscillator
Fig 23. Oscillation mode of operation and external crystal model used for CX1/CX2
evaluation
aaa-009613
EMxxx
Cg
Ci
100 pF
XTALIN
aaa-009614
EMxxx
XTALOUT
XTAL
=
CX2
RS
L
CL
CP
CX1
XTALIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com