Electronic Components Datasheet Search
  English  ▼

X  

EM783-SC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # EM783-SC
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783-SC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button EM783-SC Datasheet HTML 12Page - NXP Semiconductors EM783-SC Datasheet HTML 13Page - NXP Semiconductors EM783-SC Datasheet HTML 14Page - NXP Semiconductors EM783-SC Datasheet HTML 15Page - NXP Semiconductors EM783-SC Datasheet HTML 16Page - NXP Semiconductors EM783-SC Datasheet HTML 17Page - NXP Semiconductors EM783-SC Datasheet HTML 18Page - NXP Semiconductors EM783-SC Datasheet HTML 19Page - NXP Semiconductors EM783-SC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
16 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
• Control of the digital output slew rate allowing to switch more outputs simultaneously
without degrading the power/ground distribution of the device.
7.9 USART
The EM783 contains one USART.
Support for RS-485/9-bit mode allows both software address detection and automatic
address detection using 9-bit mode.
The USART includes a fractional baud rate generator. Standard baud rates such as
115200 Bd can be achieved with any crystal frequency above 2 MHz.
7.9.1 Features
• Maximum USART data bit rate of 3.125 MBit/s.
• 16 byte Receive and Transmit FIFOs.
• Register locations conform to 16C550 industry standard.
• Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B.
• Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals of particular values.
• FIFO control mechanism that enables software flow control implementation.
• Support for RS-485/9-bit mode.
• Supports a full modem control handshake interface.
• Support for synchronous mode.
7.10 SSP serial I/O controller
The EM783 contains one SSP controller.
The SSP controller can operate on a SPI, 4-wire SSI, or Microwire bus. It can interact with
multiple masters and slaves on the bus. Only a single master and a single slave can
communicate on the bus during a given data transfer. The SSP supports full-duplex
transfers, with frames of 4 bits to 16 bits of data. The data flows from the master to the
slave and from the slave to the master. In practice, often only one of the data-flows carries
meaningful data.
7.10.1 Features
• Maximum SSP speed of 25 Mbit/s (master) or 4.17 Mbit/s (slave) (in SPI mode).
• Compatible with Motorola SPI, 4-wire Texas Instruments SSI, and National
Semiconductor Microwire buses.
• Synchronous serial communication.
• Master or slave operation.
• 8-frame FIFOs for both transmit and receive.
• 4-bit to 16-bit frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com