Electronic Components Datasheet Search
  English  ▼

X  

EM783-SC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # EM783-SC
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783-SC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button EM783-SC Datasheet HTML 17Page - NXP Semiconductors EM783-SC Datasheet HTML 18Page - NXP Semiconductors EM783-SC Datasheet HTML 19Page - NXP Semiconductors EM783-SC Datasheet HTML 20Page - NXP Semiconductors EM783-SC Datasheet HTML 21Page - NXP Semiconductors EM783-SC Datasheet HTML 22Page - NXP Semiconductors EM783-SC Datasheet HTML 23Page - NXP Semiconductors EM783-SC Datasheet HTML 24Page - NXP Semiconductors EM783-SC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
21 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
7.18.1.1
Internal RC Oscillator (IRC)
The IRC may be used as the clock source for the WWDT, and/or as the clock that drives
the PLL and subsequently the CPU. The nominal IRC frequency is 12 MHz. The IRC is
trimmed to 1 % accuracy over the entire voltage and temperature range.
The IRC can be used as a clock source for the CPU with or without using the PLL. The
IRC frequency can be boosted to a higher frequency, up to the maximum CPU operating
frequency, by the system PLL.
Upon power-up or any chip reset, the EM783 use the IRC as the clock source. Software
may later switch to one of the other available clock sources.
7.18.1.2
Crystal Oscillator (SysOsc)
The crystal oscillator can be used as the clock source for the CPU, with or without using
the PLL.
The SysOsc operates at frequencies of 1 MHz to 25 MHz. This frequency can be boosted
to a higher frequency, up to the maximum CPU operating frequency, by the system PLL.
Fig 4.
EM783 clock generation block diagram
aaa-009615
SYSTEM PLL
IRC
SysOsc
WDOsc
IRC
LFOsc
MAINCLKSEL
(main clock select)
SYSPLLCLKSEL
(system PLL clock select)
SYSTEM CLOCK
DIVIDER
system
SYSCLKCTRL[1:18]
memories
and peripherals
SSP0 PERIPHERAL
CLOCK DIVIDER
SSP0
USART PERIPHERAL
CLOCK DIVIDER
USART
WWDT CLOCK
DIVIDER
WWDT
WDCLKSEL
LFOsc
IRC
SysOsc
CLKOUT PIN CLOCK
DIVIDER
CLKOUT pin
CLKOUTUEN
(CLKOUT update enable)
main clock
system clock
IRC
18
CLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com