Electronic Components Datasheet Search
  English  ▼

X  

EM783-SC Datasheet(PDF) 41 Page - NXP Semiconductors

Part # EM783-SC
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783-SC Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button EM783-SC Datasheet HTML 37Page - NXP Semiconductors EM783-SC Datasheet HTML 38Page - NXP Semiconductors EM783-SC Datasheet HTML 39Page - NXP Semiconductors EM783-SC Datasheet HTML 40Page - NXP Semiconductors EM783-SC Datasheet HTML 41Page - NXP Semiconductors EM783-SC Datasheet HTML 42Page - NXP Semiconductors EM783-SC Datasheet HTML 43Page - NXP Semiconductors EM783-SC Datasheet HTML 44Page - NXP Semiconductors EM783-SC Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
41 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
[1]
See the I2C-bus specification UM10204 for details.
[2]
Parameters are valid over operating temperature range unless otherwise specified.
[3]
tHD;DAT is the data hold time that is measured from the falling edge of SCL; applies to data in transmission
and the acknowledge.
[4]
A device must provide an internal hold time of at least 300 ns for the SDA signal (with respect to the
VIH(min) of the SCL signal). The hold time is to bridge the undefined region of the falling edge of SCL.
[5]
Cb = total capacitance of one bus line in pF.
[6]
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA
output stage tf is specified at 250 ns. This allows series protection resistors to be connected in between the
SDA and the SCL pins and the SDA/SCL bus lines without exceeding the maximum specified tf.
[7]
In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors
are used, designers should allow for this when considering bus timing.
[8]
The maximum tHD;DAT can be 3.45 s and 0.9 s for Standard-mode and Fast-mode but must be less than
the maximum of tVD;DAT or tVD;ACK by a transition time (see UM10204). This maximum must only be met if
the device does not stretch the LOW period (tLOW) of the SCL signal. If the clock stretches the SCL, the
data must be valid by the set-up time before it releases the clock.
[9]
tSU;DAT is the data set-up time that is measured with respect to the rising edge of SCL. It applies to data in
transmission and the acknowledge.
[10] A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system but the requirement tSU;DAT =
250 ns must then be met. This is automatically the case if the device does not stretch the LOW period of the
SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit
to the SDA line tr(max) + tSU;DAT = 1000 + 250 = 1250 ns before the SCL line is released. This is in
accordance with the Standard-mode I2C-bus specification. Also the acknowledge timing must meet this
set-up time.
tHIGH
HIGH period of
the SCL clock
Standard-mode
4.0
-
s
Fast-mode
0.6
-
s
Fast-mode Plus
0.26
-
s
tHD;DAT
data hold time
[3][4][8]
Standard-mode
0
-
s
Fast-mode
0
-
s
Fast-mode Plus
0
-
s
tSU;DAT
data set-up
time
[9][10]
Standard-mode
250
-
ns
Fast-mode
100
-
ns
Fast-mode Plus
50
-
ns
Table 16.
Dynamic characteristic: I2C-bus pins[1] …continued
Tamb = 40 C to +85 C.[2]
Symbol
Parameter
Conditions
Min
Max
Unit
Fig 18. I2C-bus pins clock timing
002aaf425
tf
70 %
30 %
SDA
tf
70 %
30 %
S
70 %
30 %
70 %
30 %
tHD;DAT
SCL
1 / fSCL
70 %
30 %
70 %
30 %
tVD;DAT
tHIGH
tLOW
tSU;DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com