Electronic Components Datasheet Search
  English  ▼

X  

EM783-SC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # EM783-SC
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783-SC Datasheet(HTML) 2 Page - NXP Semiconductors

  EM783-SC Datasheet HTML 1Page - NXP Semiconductors EM783-SC Datasheet HTML 2Page - NXP Semiconductors EM783-SC Datasheet HTML 3Page - NXP Semiconductors EM783-SC Datasheet HTML 4Page - NXP Semiconductors EM783-SC Datasheet HTML 5Page - NXP Semiconductors EM783-SC Datasheet HTML 6Page - NXP Semiconductors EM783-SC Datasheet HTML 7Page - NXP Semiconductors EM783-SC Datasheet HTML 8Page - NXP Semiconductors EM783-SC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
2 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
 Digital peripherals:
 Up to 22 General Purpose I/O (GPIO) pins with configurable pull-up/pull-down
resistors, repeater mode, and open-drain mode.
 Up to 9 pins are configurable with a digital input glitch filter for removing glitches
with widths of 10 ns. Two pins are configurable for 20ns glitch filter and another
two pins are configurable for 50 ns glitch filters.
 GPIO pins can be used as edge and level sensitive interrupt sources.
 High-current source output driver (20 mA) on one pin (P0_21).
 High-current sink driver (20 mA) on true open-drain pins (P0_2 and P0_3).
 Two general-purpose counter/timers with a total of up to four capture inputs and
five match outputs.
 Programmable Windowed WatchDog Timer (WWDT) with a dedicated, internal
low-power WatchDog Oscillator (WDOsc).
 Analog peripherals:
 Metrology engine for smart metering with one voltage input, one bias input, from
two up to six current inputs and a temperature sensor.
 Internal voltage reference.
 10-bit DAC with flexible conversion triggering.
 Serial interfaces:
 USART with fractional baud rate generation, internal FIFO, support for
RS-485/9-bit mode and synchronous mode.
 One SSP controller with FIFO and multi-protocol capabilities.
 I2C-bus interface supporting the full I2C-bus specification and Fast-mode Plus with
a data rate of 1 Mbit/s with multiple address recognition and monitor mode.
 Clock generation:
 Crystal Oscillator (SysOsc) with an operating range of 1 MHz to 25 MHz.
 12 MHz internal RC Oscillator (IRC) trimmed to 1 % accuracy that can optionally be
used as a system clock.
 Internal low-power, Low-Frequency Oscillator (LFOsc) with programmable
frequency output.
 Clock input for external system clock (25 MHz typical).
 PLL allows CPU operation up to the maximum CPU rate with the IRC, the external
clock, or the SysOsc as clock sources.
 Clock output function with divider that can reflect the SysOsc, the IRC, the main
clock, or the LFOsc.
 Power control:
 Supports ARM Cortex-M0 Sleep mode as reduced power mode.
 Power profiles residing in boot ROM allowed to optimize performance and
minimize power consumption for any given application through one simple function
call.
 Processor wake-up from reduced power mode using any interrupt.
 Power-On Reset (POR).
 BrownOut Detect (BOD) with two separate programmable thresholds for interrupt
and one hardware controlled reset trip point.
 POR and BOD are always enabled for rapid UVLO protection against power supply
voltage drops below 2.4 V.
 Unique device serial number for identification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com