Electronic Components Datasheet Search
  English  ▼

X  

EM783-SC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # EM783-SC
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783-SC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button EM783-SC Datasheet HTML 28Page - NXP Semiconductors EM783-SC Datasheet HTML 29Page - NXP Semiconductors EM783-SC Datasheet HTML 30Page - NXP Semiconductors EM783-SC Datasheet HTML 31Page - NXP Semiconductors EM783-SC Datasheet HTML 32Page - NXP Semiconductors EM783-SC Datasheet HTML 33Page - NXP Semiconductors EM783-SC Datasheet HTML 34Page - NXP Semiconductors EM783-SC Datasheet HTML 35Page - NXP Semiconductors EM783-SC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
32 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
Conditions: VDD(IO) = 3.3 V; on pins P0_2 and P0_3.
Fig 9.
High-current sink pins: Typical LOW-level output current IOL versus LOW-level
output voltage VOL
Conditions: VDD(IO) = 3.3 V; standard port pins and P0_21.
Fig 10. Typical LOW-level output current IOL versus LOW-level output voltage VOL
VOL (V)
0
0.6
0.4
0.2
002aaf019
20
40
60
IOL
(mA)
0
T = 85
°C
25
°C
−40 °C
VOL (V)
0
0.6
0.4
0.2
002aae991
5
10
15
IOL
(mA)
0
T = 85
°C
25
°C
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com