Electronic Components Datasheet Search
  English  ▼

X  

EM783-SC Datasheet(PDF) 56 Page - NXP Semiconductors

Part # EM783-SC
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783-SC Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button EM783-SC Datasheet HTML 50Page - NXP Semiconductors EM783-SC Datasheet HTML 51Page - NXP Semiconductors EM783-SC Datasheet HTML 52Page - NXP Semiconductors EM783-SC Datasheet HTML 53Page - NXP Semiconductors EM783-SC Datasheet HTML 54Page - NXP Semiconductors EM783-SC Datasheet HTML 55Page - NXP Semiconductors EM783-SC Datasheet HTML 56Page - NXP Semiconductors EM783-SC Datasheet HTML 57Page - NXP Semiconductors EM783-SC Datasheet HTML 58Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
56 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
19. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .3
Table 2.
Ordering options . . . . . . . . . . . . . . . . . . . . . . . .3
Table 3.
Pin multiplexing
. . . . . . . . . . . . . . . . . . . . . . . .5
Table 4.
EM783 pin description
. . . . . . . . . . . . . . . . . . .8
Table 5.
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . .25
Table 6.
Static characteristics . . . . . . . . . . . . . . . . . . . .26
Table 7.
Power consumption for individual analog
and digital blocks . . . . . . . . . . . . . . . . . . . . . . .31
Table 8.
POR and BOD circuit settling characteristics . .35
Table 9.
Power supply ramp characteristics . . . . . . . . .36
Table 10. Flash characteristics . . . . . . . . . . . . . . . . . . . . .38
Table 11. EEPROM characteristics . . . . . . . . . . . . . . . . .38
Table 12. Dynamic characteristic: external clock
(XTALIN or CLKIN pin) . . . . . . . . . . . . . . . . . .38
Table 13. Dynamic characteristic: IRC . . . . . . . . . . . . . . .39
Table 14. Dynamic characteristics: WDOsc and LFOsc. .39
Table 15. Dynamic characteristic: digital I/O pins[1] . . . . . 40
Table 16. Dynamic characteristic: I2C-bus pins[1] . . . . . . 40
Table 17. Dynamic characteristics of SSP pins in
SPI mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 18. BOD static characteristics[1] . . . . . . . . . . . . . . . 44
Table 19. DAC static and dynamic characteristics . . . . . 45
Table 20. DAC sampling frequency range and power
consumption. . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 21. Internal voltage reference static and dynamic
characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 22. Recommended values for CX1/CX2 in oscillation
mode (low frequency mode) . . . . . . . . . . . . . . 48
Table 23. Recommended values for CX1/CX2 in oscillation
mode (high frequency mode) . . . . . . . . . . . . . . 48
Table 24. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 53
Table 25. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 53
20. Figures
Fig 1.
EM783 block diagram . . . . . . . . . . . . . . . . . . . . . .4
Fig 2.
Pin configuration HVQFN33 package . . . . . . . . . .5
Fig 3.
EM783 memory map . . . . . . . . . . . . . . . . . . . . . .14
Fig 4.
EM783 clock generation block diagram . . . . . . . .21
Fig 5.
Active mode: Typical supply current IDD versus
temperature for different system clock frequencies
(all peripherals disabled) . . . . . . . . . . . . . . . . . . .29
Fig 6.
Active mode: Typical supply current IDD versus
temperature for different system clock frequencies
(all peripherals enabled) . . . . . . . . . . . . . . . . . . .30
Fig 7.
Sleep mode: Typical supply current IDDversus
temperature for different system clock frequencies
(all peripherals disabled) . . . . . . . . . . . . . . . . . . .30
Fig 8.
High-current source output driver: Typical
HIGH-level output voltage VOH versus
HIGH-level output current IOH . . . . . . . . . . . . . . .31
Fig 9.
High-current sink pins: Typical LOW-level output
current IOL versus LOW-level output voltage
VOL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
Fig 10. Typical LOW-level output current IOL versus
LOW-level output voltage VOL . . . . . . . . . . . . . . .32
Fig 11. Typical HIGH-level output voltage VOH versus
HIGH-level output source current IOH . . . . . . . . .33
Fig 12. Typical pull-up current Ipu versus input voltage
VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
Fig 13. Typical pull-down current Ipd versus input
voltage VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
Fig 14. UVLO timing . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
Fig 15. Power supply voltage profile . . . . . . . . . . . . . . . .37
Fig 16. External clock timing (with an amplitude
of at least Vi(RMS) = 200 mV) . . . . . . . . . . . . . . . .39
Fig 17. Internal IRC frequency vs. temperature . . . . . . . .39
Fig 18. I2C-bus pins clock timing . . . . . . . . . . . . . . . . . . .41
Fig 19. SSP master timing in SPI mode. . . . . . . . . . . . . .43
Fig 20. SSP slave timing in SPI mode . . . . . . . . . . . . . . .44
Fig 21. Typical internal voltage reference output voltage.46
Fig 22. Slave mode operation of the on-chip oscillator . . 47
Fig 23. Oscillation mode of operation and external crystal
model used for CX1/CX2 evaluation . . . . . . . . . . . 47
Fig 24. Standard I/O pad configuration . . . . . . . . . . . . . . 49
Fig 25. Reset pad configuration . . . . . . . . . . . . . . . . . . . 49
Fig 26. Functional diagram of the UVLO protection and
reset timer circuit. . . . . . . . . . . . . . . . . . . . . . . . . 50
Fig 27. Package outline HVQFN33 . . . . . . . . . . . . . . . . . 51
Fig 28. Reflow soldering of the HVQFN33(7x7) package 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com