Electronic Components Datasheet Search
  English  ▼

X  

EM783-SC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # EM783-SC
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783-SC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button EM783-SC Datasheet HTML 35Page - NXP Semiconductors EM783-SC Datasheet HTML 36Page - NXP Semiconductors EM783-SC Datasheet HTML 37Page - NXP Semiconductors EM783-SC Datasheet HTML 38Page - NXP Semiconductors EM783-SC Datasheet HTML 39Page - NXP Semiconductors EM783-SC Datasheet HTML 40Page - NXP Semiconductors EM783-SC Datasheet HTML 41Page - NXP Semiconductors EM783-SC Datasheet HTML 42Page - NXP Semiconductors EM783-SC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
39 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
10.5 Internal oscillators
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
Fig 16. External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)
tCHCL
tCLCX
tCHCX
Tcy(clk)
tCLCH
002aaa907
Table 13.
Dynamic characteristic: IRC
Tamb = 40 C to +85 C; 2.7 V  VDD(3V3)  3.6 V.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator frequency -
11.88
12
12.12
MHz
Conditions: Frequency values are typical values. 12 MHz
 1 % accuracy is guaranteed for
2.7 V
 V
DD(3V3)  3.6 V and Tamb = 40 C to +85 C. Variations between parts may cause the
IRC to fall outside the 12 MHz
 1 % accuracy specification for voltages below 2.7 V.
Fig 17. Internal IRC frequency vs. temperature
Table 14.
Dynamic characteristics: WDOsc and LFOsc
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(int)
internal oscillator
frequency
DIVSEL = 0x1F, FREQSEL = 0x1
in the WDTOSCCTRL register;
[2][3] -9.4
-
kHz
DIVSEL = 0x00, FREQSEL = 0xF
in the WDTOSCCTRL register
[2][3] -
2300
-
kHz
aaa-009888
11.95
12.05
12.15
f
(MHz)
11.85
temperature (°C)
-40
85
35
10
60
-15
VDD = 3.6 V
3.3 V
3.0 V
2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com