Electronic Components Datasheet Search
  English  ▼

X  

EM783-SC Datasheet(PDF) 36 Page - NXP Semiconductors

Part # EM783-SC
Description  Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM783-SC Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button EM783-SC Datasheet HTML 32Page - NXP Semiconductors EM783-SC Datasheet HTML 33Page - NXP Semiconductors EM783-SC Datasheet HTML 34Page - NXP Semiconductors EM783-SC Datasheet HTML 35Page - NXP Semiconductors EM783-SC Datasheet HTML 36Page - NXP Semiconductors EM783-SC Datasheet HTML 37Page - NXP Semiconductors EM783-SC Datasheet HTML 38Page - NXP Semiconductors EM783-SC Datasheet HTML 39Page - NXP Semiconductors EM783-SC Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
EM783
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 17 January 2014
36 of 58
NXP Semiconductors
EM783
Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM
[1]
Values are derived from simulation.
Table 9.
Power supply ramp characteristics
Tamb = –40C to 85C. [1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Cold power-up (see regions A to C in Figure 15)
twait
wait time
Region A: power-down
supply voltage = GND
[1]
--
-
-
tr
rise time
Region B: ramp up
GND
 supply voltage  V
DD
0-
-
s
twait
wait time
Region C: powered-up
supply voltage = VDD
150
-
-
s
Shallow power droop cycle (see regions D to G in Figure 15); BOD enabled
tf
fall time
Region D: ramp down
VDD  supply voltage > Vth(fast_ramp)
0-
-
s
twait
wait time
Region E: power-down
Vth(fast_ramp)  supply voltage <
Vth(UVLO)
5-
-
s
tr
rise time
Region F: ramp up
Vth(fast_ramp)  supply voltage < VDD
0-
-
s
twait
wait time
Region G: powered-up
supply voltage = VDD
5-
-
s
Deep power droop cycle (see regions H to J in Figure 15)
twait
wait time
Region H: power-down
GND < supply voltage < Vth(fast_ramp)
12
-
-
s
tr
rise time
Region I: ramp up
GND
 supply voltage < V
DD
0-
-
s
twait
wait time
Region J: powered-up
supply voltage = VDD
150
-
-
s
Voltage thresholds
Vth(droop)
droop
threshold
voltage
-
900
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com