Electronic Components Datasheet Search
  English  ▼

X  

MPC750EC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPC750EC
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC750EC Datasheet HTML 12Page - NXP Semiconductors MPC750EC Datasheet HTML 13Page - NXP Semiconductors MPC750EC Datasheet HTML 14Page - NXP Semiconductors MPC750EC Datasheet HTML 15Page - NXP Semiconductors MPC750EC Datasheet HTML 16Page - NXP Semiconductors MPC750EC Datasheet HTML 17Page - NXP Semiconductors MPC750EC Datasheet HTML 18Page - NXP Semiconductors MPC750EC Datasheet HTML 19Page - NXP Semiconductors MPC750EC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
MPC750A RISC Microprocessor Hardware Specifications
Electrical and Thermal Characteristics
Internal DLL-relock time
640
—
L2CLK
3
L2CLKOUT output-to-output skew
50
ps
5
L2CLKOUT output jitter
150
ps
5
Notes:
1. L2CLK outputs are L2CLK_OUTA, L2CLK_OUTB and L2SYNC_OUT pins. The L2 cache interface supports higher frequencies
when appropriate load conditions have been considered. The L2 I/O drivers have been designed to support a 133 MHz L2 bus
loaded with 4 off-the-shelf pipelined synchronous burst SRAMs. Running the L2 bus beyond 133 MHz requires tightly coupled
customized SRAMs or a multi-chip module (MCM) implementation. The L2CLK frequency to core frequency settings must be
chosen such that the resulting L2CLK frequency and core frequency do not exceed their respective maximum or minimum
operating frequencies. L2CLK_OUTA and L2CLK_OUTB must have equal loading.
2. The nominal duty cycle of the L2CLK is 50% measured at midpoint voltage.
3. The DLL re-lock time is specified in terms of L2CLKs. The number in the table must be multiplied by the period of L2CLK to
compute the actual time duration in nanoseconds. Re-lock timing is guaranteed by design and characterization.
4. The L2CR[L2SL] bit should be set for L2CLK frequencies less than 110 MHz
5. Guaranteed by design and not tested.
Table 11. L2CLK Output AC Timing Specifications (Continued)
At recommended operating conditions (See Table 3)
Num
Characteristic
Min
Max
Unit
Notes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com