Electronic Components Datasheet Search
  English  ▼

X  

MPC750EC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC750EC
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC750EC Datasheet HTML 35Page - NXP Semiconductors MPC750EC Datasheet HTML 36Page - NXP Semiconductors MPC750EC Datasheet HTML 37Page - NXP Semiconductors MPC750EC Datasheet HTML 38Page - NXP Semiconductors MPC750EC Datasheet HTML 39Page - NXP Semiconductors MPC750EC Datasheet HTML 40Page - NXP Semiconductors MPC750EC Datasheet HTML 41Page - NXP Semiconductors MPC750EC Datasheet HTML 42Page - NXP Semiconductors MPC750EC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
39
System Design Information
Figure 22. Thermal Performance of Select Thermal Interface Material
The board designer can choose between several types of thermal interface. Heat sink adhesive materials
should be selected based upon high conductivity, yet adequate mechanical strength to meet equipment
shock/vibration requirements. There are several commercially-available thermal interfaces and adhesive
materials provided by the following vendors:
Dow-Corning Corporation
517-496-4000
Dow-Corning Electronic Materials
PO Box 0997
Midland, MI 48686-0997
Chomerics, Inc.
617-935-4850
77 Dragon Court
Woburn, MA 01888-4850
Thermagon Inc.
216-741-7659
3256 West 25th Street
Cleveland, OH 44109-1668
Loctite Corporation
860-571-5100
1001 Trout Brook Crossing
Rocky Hill, CT 06067
AI Technology (e.g. EG7655)
609-882-2332
1425 Lower Ferry Rd.
Trent, NJ 08618
0
0.5
1
1.5
2
0
1020304050607080
Silicone Sheet (0.006 inch)
Bare Joint
Floroether Oil Sheet (0.007 inch)
Graphite/Oil Sheet (0.005 inch)
Synthetic Grease
Contact Pressure (psi)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com