Electronic Components Datasheet Search
  English  ▼

X  

MPC750EC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPC750EC
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPC750EC Datasheet HTML 5Page - NXP Semiconductors MPC750EC Datasheet HTML 6Page - NXP Semiconductors MPC750EC Datasheet HTML 7Page - NXP Semiconductors MPC750EC Datasheet HTML 8Page - NXP Semiconductors MPC750EC Datasheet HTML 9Page - NXP Semiconductors MPC750EC Datasheet HTML 10Page - NXP Semiconductors MPC750EC Datasheet HTML 11Page - NXP Semiconductors MPC750EC Datasheet HTML 12Page - NXP Semiconductors MPC750EC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
9
Electrical and Thermal Characteristics
Table 6 provides the DC electrical characteristics for the MPC750.
Table 7 provides the power consumption for the MPC750.
Table 6. DC Electrical Specifications
At recommended operating conditions (See Table 3)
Characteristic
Symbol
Min
Max
Unit
Notes
Input high voltage (all inputs except SYSCLK)
VIH
1.7
L2OVdd + 0.3
V
2,3,4
VIH
2
OVdd + 0.3
V
2,3,
Input low voltage (all inputs except SYSCLK)
VIL
-0.3
0.2 * L2OVdd
V
4
VIL
-0.3
0.8
V
SYSCLK input high voltage
CVIH
2.4
OVdd + 0.3
V
2
SYSCLK input low voltage
CVIL
-0.3
0.4
V
Input leakage current, Vin = OVdd
Iin
—
30
µA
2,3
Hi-Z (off-state) leakage current, Vin = OVdd
ITSI
—
30
µA
2,3,6
Output high voltage, IOH = -6 mA
VOH
1.8
—
V
VOH
2.4
—
V
Output low voltage, IOL = 6 mA
VOL
—
0.4
V
Capacitance, Vin = 0 V, f = 1 MHz
Cin
—
5.0
pF
3,5
Notes:
1. Nominal voltages; See Table 3 for recommended operating conditions.
2. For 60x bus signals, the reference is OVdd while L2OVdd is the reference for the L2 bus signals.
3. Excludes test signals (LSSD_MODE, L1_TSTCLK, L2_TSTCLK) and IEEE 1149.1 boundary scan (JTAG) signals.
4. Applicable to L2 bus interface only
5. Capacitance is periodically sampled rather than 100% tested.
6. The leakage is measured for nominal OVdd and Vdd, or both OVdd and Vdd must vary in the same direction (for example, both
OVdd and Vdd vary by either +5% or -5%).
Table 7. Power Consumption for MPC750
Processor (CPU) Frequency
Unit
Notes
200 MHz
233 MHz
266 MHz
Full-On Mode
Typical
Maximum
4.2
5.0
5.7
W
1, 3, 4
6.0
7.0
7.9
W
1, 2, 4
Doze Mode
Maximum
1.6
1.8
2.1
W
1, 2
Nap Mode
Maximum
250
250
250
mW
1, 2
Sleep Mode
Maximum
300
300
300
mW
1, 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com