Electronic Components Datasheet Search
  English  ▼

X  

MPC750EC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MPC750EC
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MPC750EC Datasheet HTML 22Page - NXP Semiconductors MPC750EC Datasheet HTML 23Page - NXP Semiconductors MPC750EC Datasheet HTML 24Page - NXP Semiconductors MPC750EC Datasheet HTML 25Page - NXP Semiconductors MPC750EC Datasheet HTML 26Page - NXP Semiconductors MPC750EC Datasheet HTML 27Page - NXP Semiconductors MPC750EC Datasheet HTML 28Page - NXP Semiconductors MPC750EC Datasheet HTML 29Page - NXP Semiconductors MPC750EC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
26
MPC750A RISC Microprocessor Hardware Specifications
Pinout Listings
Table 16 provides the pinout listing for the MPC750, 360 CBGA package.
QACK
D3
Low
Input
QREQ
J3
Low
Output
RSRV
D1
Low
Output
SMI
A16
Low
Input
SRESET
B14
Low
Input
SYSCLK
C9
—
Input
TA
H14
Low
Input
TBEN
C2
High
Input
TBST
A14
Low
I/O
TCK
C11
High
Input
TDI
A11
High
Input
TDO
A12
High
Output
TEA
H13
Low
Input
TLBISYNC
C4
Low
Input
TMS
B11
High
Input
TRST
C10
Low
Input
TS
J13
Low
I/O
TSIZ[0–2]
A13, D10, B12
High
Output
TT[0–4]
B13, A15, B16, C14, C15
High
I/O
WT
D2
Low
Output
VDD 2
F6, F8, F9, F11, G7, G10, H6, H8, H9, H11, J6, J8, J9, J11, K7, K10, L6,
L8, L9, L11
——
VOLTDET 3
F3
High
Output
Notes:
1. These are test signals for factory use only and must be pulled up to OVdd for normal machine operation.
2. OVdd inputs supply power to the I/O drivers and Vdd inputs supply power to the processor core.
3. Internally tied to GND in the MPC740 CBGA package to indicate to the power supply that a low-voltage processor
is present. This signal is not a power supply input.
Table 16. Pinout Listing for the MPC750, 360 CBGA Package
Signal Name
Pin Number
Active
I/O
A[0–31]
A13, D2, H11, C1, B13, F2, C13, E5, D13, G7, F12, G3, G6, H2, E2, L3,
G5, L4, G4, J4, H7, E1, G2, F3, J7, M3, H3, J2, J6, K3, K2, L2
High
I/O
AACK
N3
Low
Input
ABB
L7
Low
I/O
AP[0–3]
C4, C5, C6, C7
High
I/O
ARTRY
L6
Low
I/O
AVDD
A8
——
BG
H1
Low
Input
Table 15. Pinout Listing for the MPC740, 255 CBGA Package (Continued)
Signal Name
Pin Number
Active
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com