Electronic Components Datasheet Search
  English  ▼

X  

MPC750EC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC750EC
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC750EC Datasheet HTML 9Page - NXP Semiconductors MPC750EC Datasheet HTML 10Page - NXP Semiconductors MPC750EC Datasheet HTML 11Page - NXP Semiconductors MPC750EC Datasheet HTML 12Page - NXP Semiconductors MPC750EC Datasheet HTML 13Page - NXP Semiconductors MPC750EC Datasheet HTML 14Page - NXP Semiconductors MPC750EC Datasheet HTML 15Page - NXP Semiconductors MPC750EC Datasheet HTML 16Page - NXP Semiconductors MPC750EC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
13
Electrical and Thermal Characteristics
Figure 4 provides the input timing diagram for the MPC750.
Figure 4. Input Timing Diagram
Figure 5 provides the mode select input timing diagram for the MPC750.
Figure 5. Mode Select Input Timing Diagram
11a
VM
VM = Midpoint Voltage (1.4V)
SYSCLK
11b
10a
10b
ALL INPUTS
VIH
HRESET
11c
MODE PINS
10c
VIH = 2.0V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com