Electronic Components Datasheet Search
  English  ▼

X  

MPC750EC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC750EC
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC750EC Datasheet HTML 2Page - NXP Semiconductors MPC750EC Datasheet HTML 3Page - NXP Semiconductors MPC750EC Datasheet HTML 4Page - NXP Semiconductors MPC750EC Datasheet HTML 5Page - NXP Semiconductors MPC750EC Datasheet HTML 6Page - NXP Semiconductors MPC750EC Datasheet HTML 7Page - NXP Semiconductors MPC750EC Datasheet HTML 8Page - NXP Semiconductors MPC750EC Datasheet HTML 9Page - NXP Semiconductors MPC750EC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
MPC750A RISC Microprocessor Hardware Specifications
General Parameters
— Automatic dynamic power reduction when internal functional units are idle
•
Integrated Thermal Management Assist Unit
— On-chip thermal sensor and control logic
— Thermal Management Interrupt for software regulation of junction temperature.
•
Testability
— LSSD scan design
— JTAG interface
•
Reliability and serviceability—Parity checking on 60x and L2 cache buses
1.3 General Parameters
The following list provides a summary of the general parameters of the MPC750:
Technology:
0.29 µm CMOS, five-layer metal
Die size:
7.56 mm x 8.79 mm (67 mm2)
Transistor count
6.35 million
Logic design
Fully-static
Packages
MPC740: Surface mount 255 ceramic ball grid array (CBGA) without L2
interface
MPC750: Surface mount 360 ceramic ball grid array (CBGA) with L2
interface
Core power supply:
2.6V ± 100 mV
I/O power supply
3.3V ± 5% V dc
1.4 Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the MPC750.
1.4.1 DC Electrical Characteristics
The tables in this section describe the MPC750 DC electrical characteristics. Table 2 provides the absolute
maximum ratings.
Table 2. Absolute Maximum Ratings
Characteristic
Symbol
MPC750A Value
Unit
Notes
Core supply voltage
Vdd
–0.3 to 2.75
V4
PLL supply voltage
AVdd
–0.3 to 2.75
V
4
L2 DLL supply voltage
L2AVdd
–0.3 to 2.75
V
4
60x bus supply voltage
OVdd
–0.3 to 3.6
V
3,5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com