Electronic Components Datasheet Search
  English  ▼

X  

MPC750EC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC750EC
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC750EC Datasheet HTML 17Page - NXP Semiconductors MPC750EC Datasheet HTML 18Page - NXP Semiconductors MPC750EC Datasheet HTML 19Page - NXP Semiconductors MPC750EC Datasheet HTML 20Page - NXP Semiconductors MPC750EC Datasheet HTML 21Page - NXP Semiconductors MPC750EC Datasheet HTML 22Page - NXP Semiconductors MPC750EC Datasheet HTML 23Page - NXP Semiconductors MPC750EC Datasheet HTML 24Page - NXP Semiconductors MPC750EC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
21
Electrical and Thermal Characteristics
Figure 10 provides the JTAG clock input timing diagram.
Figure 10. JTAG Clock Input Timing Diagram
Figure 11 provides the TRST timing diagram.
Figure 11. TRST Timing Diagram
11
TMS, TDI data hold time
12
—
ns
12
TCK to TDO data valid
4
12
ns
13
TCK to TDO high impedance
3
9
ns
4
Notes:
1. TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
2. Non-JTAG signal input timing with respect to TCK.
3. Non-JTAG signal output timing with respect to TCK.
4. Guaranteed by design and characterization.
Table 14. JTAG AC Timing Specifications (Independent of SYSCLK) (Continued)
At recommended operating conditions (See Table 3), CL = 50 pF
Num
Characteristic
Min
Max
Unit
Notes
TCK
2
2
1
VM
VM
VM
3
3
VM = Midpoint Voltage
5
TRST
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com