Electronic Components Datasheet Search
  English  ▼

X  

MPC750EC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC750EC
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC750EC Datasheet HTML 1Page - NXP Semiconductors MPC750EC Datasheet HTML 2Page - NXP Semiconductors MPC750EC Datasheet HTML 3Page - NXP Semiconductors MPC750EC Datasheet HTML 4Page - NXP Semiconductors MPC750EC Datasheet HTML 5Page - NXP Semiconductors MPC750EC Datasheet HTML 6Page - NXP Semiconductors MPC750EC Datasheet HTML 7Page - NXP Semiconductors MPC750EC Datasheet HTML 8Page - NXP Semiconductors MPC750EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
3
Overview
1.1 Overview
The MPC750 is targeted for low-cost, low-power systems and supports the following power management
features—doze, nap, sleep, and dynamic power management. The MPC750 consists of a processor core
and an internal L2 Tag combined with a dedicated L2 cache interface and a 60x bus.
Figure 1 shows a block diagram of the MPC750.
Figure 1. MPC750 Block Diagram
Completion
Instruction Fetch
Control Unit
32K ICache
BHT/BTIC
Dispatch
System Unit
Branch Unit
FXU1
FXU2
GPRs
Rename
Buffers
LSU
FPU
32K DCache
L2 Tags
L2 Cache
BIU
FPRs
Rename
Buffers
60x BIU
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com