Electronic Components Datasheet Search
  English  ▼

X  

MPC750EC Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC750EC
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC750EC Datasheet HTML 32Page - NXP Semiconductors MPC750EC Datasheet HTML 33Page - NXP Semiconductors MPC750EC Datasheet HTML 34Page - NXP Semiconductors MPC750EC Datasheet HTML 35Page - NXP Semiconductors MPC750EC Datasheet HTML 36Page - NXP Semiconductors MPC750EC Datasheet HTML 37Page - NXP Semiconductors MPC750EC Datasheet HTML 38Page - NXP Semiconductors MPC750EC Datasheet HTML 39Page - NXP Semiconductors MPC750EC Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
36
MPC750A RISC Microprocessor Hardware Specifications
System Design Information
1.8.6 Pull-up Resistor Requirements
The MPC750 requires high-resistive (weak: 10 K
Ω) pull-up resistors on several control signals of the bus
interface to maintain the control signals in the negated state after they have been actively negated and
released by the MPC750 or other bus masters. These signals are TS, ABB, DBB, and ARTRY.
In addition, the MPC750 has one open-drain style output that requires a pull-up resistors (weak or
stronger: 4.7 K
Ω–10 KΩ) if it is used by the system. This signal is CKSTP_OUT.
During inactive periods on the bus, the address and transfer attributes on the bus are not driven by any
master and may float in the high-impedance state for relatively long periods of time. Since the MPC750
must continually monitor these signals for snooping, this float condition may cause excessive power draw
by the input receivers on the MPC750 or by other receivers in the system. It is recommended that these
signals be pulled up through weak (10 K
Ω) pull-up resistors or restored in some manner by the system.
The snooped address and transfer attribute inputs are A[0–31], AP[0–3], TT[0–4], TBST, and GBL.
The data bus input receivers are normally turned off when no read operation is in progress and do not
require pull-up resistors on the data bus. Other data bus receivers in the system, however, may require
pullups, or that those signals be otherwise driven by the system during inactive periods. The data bus
signals are
DH[0–31], DL[0–31], DP[0–7].
If address or data parity is not used by the system, and the respective parity checking is disabled through
HID0, the input receivers for those pins are disabled, and those pins do not require pull-up resistors and
should be left unconnected by the system. If all parity generation is disabled through HID0, then all parity
checking should also be disabled through HID0, and all parity pins may be left unconnected by the system.
No pull-up resistors are normally required for the L2 interface.
1.8.7 Thermal Management Information
This section provides thermal management information for the ceramic ball grid array (CBGA) package
for air-cooled applications. Proper thermal control design is primarily dependent upon the system-level
design—the heat sink, airflow and thermal interface material. To reduce the die-junction temperature, heat
sinks may be attached to the package by several methods—adhesive, spring clip to holes in the
printed-circuit board or package, and mounting clip and screw assembly; see Figure 20. This spring force
should not exceed 5.5 pounds of force.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com