Electronic Components Datasheet Search
  English  ▼

X  

DSP96002UM/AD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 17Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 18Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 19Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 20Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 21Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 22Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 23Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 24Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
Signal/Connection Descriptions
OnCE Port
MOTOROLA
DSP96002/D, Rev. 2
1-17
DSO
Output
Output,
pulled
high
Debug Serial Output—
Data contained in one of the OnCE
controller registers is provided through the DSO output signal,
as specified by the last command received from the external
command controller. Data is always shifted out the OnCE
serial port MSB first. Data is clocked out of the OnCE serial
port on the rising edge of DSCK.
The DSO signal also provides acknowledge pulses to the
external command controller. When the chip enters the Debug
mode, the DSO signal will be pulsed low to indicate
(acknowledge) that the OnCE is waiting for commands. After
the OnCE receives a read command, the DSO signal will be
pulsed low to indicate that the requested data is available and
the OnCE serial port is ready to receive clocks in order to
deliver the data. After the OnCE receives a write command, the
DSO signal will be pulsed low to indicate that the OnCE serial
port is ready to receive the data to be written; after the data is
written, another acknowledge pulse will be provided.
DR
Input
Input
Debug Request—
The Debug Request input (DR) allows the
user to enter the Debug mode of operation from the external
command controller. When DR is asserted, it causes the DSP to
finish the current instruction being executed, save the
instruction pipeline information, enter the Debug mode, and
wait for commands to be entered from the DSI line. While in
Debug mode, the DR signal lets the user reset the OnCE
controller by asserting it and deasserting it after receiving
acknowledge. It may be necessary to reset the OnCE controller
in cases where synchronization between the OnCE controller
and external circuitry is lost. DR must be deasserted after the
OnCE responds with an acknowledge on the DSO signal and
before sending the first OnCE command. Asserting DR will
cause the chip to exit the Stop or Wait state. Having DR
asserted during the deassertion of RESET will cause the DSP to
enter Debug mode.
Note:
If the OnCE interface is not in use, attach an external pull-up
resistor to the DR input.
Table 1-8
On-Chip Emulation Port (OnCE) Signals (Continued)
Signal
Name
Signal
Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com