Electronic Components Datasheet Search
  English  ▼

X  

DSP96002UM/AD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 5Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 6Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 7Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 8Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 9Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 10Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 11Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 12Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 111 page
background image
Signal/Connection Descriptions
Interrupt and Mode Control
MOTOROLA
DSP96002/D, Rev. 2
1-5
INTERRUPT AND MODE CONTROL
Table 1-5
Interrupt and Mode Control
Signal Name
Type
State During
Reset
Signal Description
RESET
Input Input
Reset
—This input is a direct hardware reset of the
processor. When RESET is asserted low, the signal is
internally synchronized to the input clock (CLK), the DSP
is placed in the Reset state, and the internal phase
generator is reset. A Schmitt trigger input is used for
noise immunity and allows a slowly rising input (such as
a capacitor charging) to reliably reset the chip. If RESET is
deasserted synchronous to the input clock (CLK), exact
start-up timing is guaranteed, allowing multiple
processors to start-up synchronously and operate
together in “lock-step.” When the RESET pin is
deasserted, the initial chip operating mode is latched
from the MODA, MODB and MODC pins.
MODA/IRQA
Input Input
Mode Select A/External Interrupt Request A
—This
input is internally synchronized to the input clock (CLK).
MODA/IRQA selects the initial chip operating mode
during hardware reset and becomes a level-sensitive or
negative-edge-triggered, maskable interrupt request
input during normal instruction processing. MODA,
MODB and MODC select one of eight initial chip
operating modes latched into the Operating Mode
Register (OMR) when the RESET pin is deasserted. If
IRQA is asserted synchronous to the input clock (CLK),
multiple processors can be resynchronized by using the
WAIT instruction and asserting IRQA to exit the Wait
state. If the processor is in the Stop standby state and
IRQA is asserted, the processor will exit the Stop state.
MODB/ IRQB
Input Input
Mode Select B/External Interrupt Request B
—This input
is internally synchronized to the input clock (CLK).
MODB/IRQB selects the initial chip operating mode
during hardware reset and becomes a level-sensitive or
negative-edge-triggered, maskable interrupt request
input during normal instruction processing. MODA,
MODB and MODC select one of eight initial chip
operating modes latched into the Operating Mode
Register (OMR) when the RESET pin is deasserted. If
IRQB is asserted synchronous to the input clock (CLK),
multiple processors can be resynchronized by using the
WAIT instruction and asserting IRQB to exit the Wait
state.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com