Electronic Components Datasheet Search
  English  ▼

X  

DSP96002UM/AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 1 Page - NXP Semiconductors

  DSP96002UM/AD Datasheet HTML 1Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 2Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 3Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 4Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 5Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 6Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 7Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 8Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
DSP96002
Order this document by:
DSP96002/D, Rev. 2
©1996 MOTOROLA, INC.
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT
PROCESSOR
The DSP96002 is designed to support intensive graphic image and numeric processing. It is
a dual-port, low-power, general purpose floating-point processor. The DSP includes 1024
words of data RAM (equally divided into X data and Y data memory), 1024 words of full-
speed on-chip Program RAM, two data ROMs, a dual-channel Direct Memory Access (DMA)
controller, special on-chip bootstrap hardware, and On-Chip Emulation (OnCE™) debug
circuitry. The Central Processing Unit (CPU) consists of three 32-bit execution units
operating in parallel. The DSP96002 has two identical memory expansion ports with control
lines to facilitate interfacing SRAMs, DRAMs (operating in their fast access modes), and
Video RAMs (VRAMs). Each port can be configured as a Host Interface (HI), which
facilitates easy interface with other processors for multiprocessor applications. Linear arrays
of DSP96002s can be implemented without glue logic. The MPU-style programming model
and instruction set allow straightforward generation of efficient, compact code. The high
speed of the DSP96002 makes it well-suited for high bandwidth and numerically intensive
applications that require floating-point processing and access to large memory subsystems.
Figure 1 Block Diagram
Internal
Switch And Bit
Manipulation
Unit
Program Controller
Data
YAB
XAB
PAB
YDB
XDB
PDB
GDB
Program
Decode
Controller
Program
Address
Generator
Program
Interrupt
Controller
Clock
Generator
DDB
Dual Channel
DMA
Controller
Debug
Controller
4
Serial Debug
Port
MODB/IRQB
MODA/IRQA
RESET
External
Address
Switch
Address
Generation
Unit (AGU)
• IEEE Floating Point
• 32
× 32 Integer ALU
CLK
Memory
512
× 32
RAM
Memory
512
× 32
RAM
Program
1024
× 32
RAM and
64
× 32
Bootstrap
ROM
512
× 32†
ROM
512
× 32†
ROM
Data ALU
32-bit Buses
Address
External
Address
Switch
Bus
Control
Control
External
Data
Switch
Memory
X Data
Y Data
32
MODC/IRQC
Bus
Control
Control
Host
Interface
Data
32
*
**
*
*
*
*
Dual Access (DMA/Core)
4
4
18
18
Instruction
Cache
Timer
Timer
32
Address
32
1024
× 32 Virtual Locations
†
32-bit
Host
Interface
32-bit
OnCE
AA0306
Bus
External
Data
Switch
Bus
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP96002UM/AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP96002 MOTOROLA-DSP96002 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
DSP96002FE40 MOTOROLA-DSP96002FE40 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
DSP96002FE60 MOTOROLA-DSP96002FE60 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
DSP96002RC33 MOTOROLA-DSP96002RC33 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
DSP96002RC40 MOTOROLA-DSP96002RC40 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
More results

Similar Description - DSP96002UM/AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP96002 MOTOROLA-DSP96002 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
FLOATING - POINT DIGITAL SIGNAL PROCESSOR
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
STMicroelectronics
IMST805E STMICROELECTRONICS-IMST805E Datasheet
3Mb / 70P
32-bit floating-point transputer - xtended temperature
Feb-1997
logo
Texas Instruments
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
Floating-point Digital Signal Processor
logo
Analog Devices
SST-MELODY-SHARC AD-SST-MELODY-SHARC_15 Datasheet
414Kb / 20P
High End, Multichannel, 32-Bit Floating-Point Audio Processor
REV. 0
logo
Texas Instruments
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com