Electronic Components Datasheet Search
  English  ▼

X  

DSP96002UM/AD Datasheet(PDF) 92 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 88Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 89Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 90Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 91Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 92Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 93Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 94Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 95Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 111 page
background image
Bootstrap Code for DSP96002
A-2
DSP96002/D, Rev. 2
MOTOROLA
; The second routine loads the internal PRAM using the Host
; Interface logic.
; If HF1=0, it will load 4,096 bytes from the external host processor.
; These will be condensed into 1,024 32-bit words and stored in
; contiguous internal PRAM memory locations starting at P:$0.
Note that
; the routine loads data starting with the least significant byte of
; P:$0 first.
; If HF1=1, it will load 1,024 32-bit words from the external host
; processor.
; If the host processor only wants to load a portion of the P memory,
; and start execution of the loaded program, the Host Interface
; bootstrap load program routine may be killed by setting HF0 = 0.
;
INLOOP
DO
#1024,_LOOP1; Load 1,024 instruction words
; This is the context switch
JSET
#1,OMR,_HOSTLD; Perform load from Host
; Interface if MB=1.
; This is the first routine. It loads from external P: memory.
DO
#4,_LOOP2; Get 4 bytes into D0.L
LSR
#8,D0; Shift previous byte down
MOVEM
P:(R1)+,D1.L; Get byte from ext. P mem.
LSL
#24,D1; Shift into upper byte
OR
D1,D0; concatenate
_LOOP2
JMP
<_STORE; Then put the word in P memory
;
; This is the second routine. It loads thru the Host Interface.
_HOSTLD
JSET
#0,OMR,_HOSTB; Port A or Port B?
; Boot thru Host Interface in Port A
_HOSTA
BCLR
#5,X:M_HCRA; Enable Port A Host Interface
MOVE
#M_HSRA,R2; R2 points to HSRA
MOVE
#M_HRXA,R3; R3 points to HRXA
JMP
<_HOSTR; go to host routine
; Boot thru Host Interface in Port B
_HOSTB
BCLR
#5,X:M_HCRB; Enable Port B Host Interface
MOVE
#M_HSRB,R2; R2 points to HSRB
MOVE
#M_HRXB,R3; R3 points to HRXB
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com