Electronic Components Datasheet Search
  English  ▼

X  

DSP96002UM/AD Datasheet(PDF) 74 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 70Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 71Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 72Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 73Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 74Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 75Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 76Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 77Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
Packaging
CQFP Package
3-14
DSP96002/D, Rev. 2
MOTOROLA
35
Input/Output
AA04
36
Input/Output
AA05
37
Input/Output
AA06
38
Input/Output
AA07
39
Input
GNDQ
40
Input
VCCQ
41
Input
VCCN
42
Input/Output
AA08
43
Input/Output
AA09
44
Input/Output
AA10
45
Input/Output
AA11
46
Input
GNDN
47
Input/Output
AA12
48
Input/Output
AA13
49
Input/Output
AA14
50
Input/Output
AA15
51
Input/Output
AA16
52
Input/Output
AA17
53
Input/Output
AA18
54
Input/Output
AA19
55
Input
GNDN
56
Input/Output
AA20
57
Input/Output
AA21
58
N/A
NC
59
N/A
NC
60
N/A
NC
61
N/A
NC
62
N/A
NC
63
N/A
NC
64
Input/Output
AA22
65
Input/Output
AA23
66
Input
VCCN
67
Input/Output
AA24
68
Input/Output
AA25
69
Input/Output
AA26
Table 3-2
DSP96002 Pin List, 240-pin CQFP Package (Continued)
Pin
Number
Signal Type
Signal Name
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com