Electronic Components Datasheet Search
  English  ▼

X  

DSP96002UM/AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 4Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 5Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 6Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 7Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 8Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 9Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 10Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 11Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
Signal/Connection Descriptions
Clock
1-4
DSP96002/D, Rev. 2
MOTOROLA
CLOCK
Table 1-4
Clock Signal
Signal Name
Type
State During
Reset
Signal Description
CLK
Input
Input
Clock Input
—CLK is a high frequency processor clock
input. The frequency is twice the instruction rate. As
shown in Figure 1-2, an internal phase generator divides
CLK into four phases (t0, t1, t2 and t3), which is the basic
instruction execution cycle. Additional tw phases are
optionally generated to insert Wait States (WS) into
instruction execution. A Wait State is formed by pairing
a t2 and tw phase. CLK should be continuous with a 46–
54% duty cycle.
Figure 1-2 Clock Input and Instruction Cycle Timing
Two Wait States
No Wait States
t0
t1
t2
t3
tw
t0
t1
t2
t2
t2
tw
t3
CLK
Instruction Cycle
Instruction Cycle
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com