Electronic Components Datasheet Search
  English  ▼

X  

DSP96002UM/AD Datasheet(PDF) 85 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 81Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 82Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 83Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 84Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 85Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 86Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 87Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 88Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 111 page
background image
Design Considerations
Electrical Design Considerations
MOTOROLA
DSP96002/D, Rev. 2
4-3
ELECTRICAL DESIGN CONSIDERATIONS
Use the following list of recommendations to assure correct DSP operation:
•
Provide a low-impedance path from the board power supply to each VCC
pin on the DSP, and from the board ground to each GND pin.
•
Use at least six 0.01–0.1
µF bypass capacitors positioned as close as
possible to the four sides of the package to connect the VCC power source
to GND.
•
Ensure that capacitor leads and associated printed circuit traces that
connect to the chip VCC and GND pins are less than 0.5” per capacitor
lead.
•
Use at least a four-layer Printed Circuit Board (PCB) with two inner layers
for VCC and GND.
•
Because the DSP output signals have fast rise and fall times, PCB trace
lengths should be minimal. This recommendation particularly applies to
the address and data buses, as well as the IRQA, IRQB, IRQC, TA, TS, BG,
HS, and HA pins. Maximum PCB trace lengths on the order of 6" are
recommended.
•
Consider all device loads, as well as parasitic capacitance due to PCB
traces when calculating capacitance. This is especially critical in systems
with higher capacitive loads that could create higher transient currents in
the VCC and GND circuits.
•
All inputs must be terminated (i.e., not allowed to float) using CMOS
levels.
•
Take special care to minimize noise levels on the VCCPLL and VSSPLL pins.
CAUTION
This device contains protective circuitry to
guard against damage due to high static
voltage or electrical fields. However, normal
precautions are advised to avoid application
of any voltages higher than maximum rated
voltages
to
this
high-impedance
circuit.
Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com