Electronic Components Datasheet Search
  English  ▼

X  

DSP96002UM/AD Datasheet(PDF) 25 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 21Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 22Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 23Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 24Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 25Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 26Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 27Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 28Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 111 page
background image
Specifications
DC Electrical Characteristics
MOTOROLA
DSP96002/D, Rev. 2
2-3
DC ELECTRICAL CHARACTERISTICS
Table 2-3
DC Electrical Characteristics
Characteristic1
Symbol
Min
Typical
Max
Unit
Supply Voltage,
+10% at 33.3 MHz
+5% at 40 MHz
+5% at 60 MHz
VCC
4.5
4.75
4.75
5.0
5.0
5.0
5.5
5.25
5.25
V
V
V
Input High
Voltage
Except CLK, RESET
MODA,
MODB,MODC
VIH
2.0
—
VCC
V
Input Low
Voltage
Except CLK,
MODA, MODB,
MODC
VIL
–0.5
—
0.8
V
Input High
Voltage
CLK
VIHC
4.0
—
VCC
V
Input Low
Voltage
CLK
VILC
–0.5
—
0.6
V
Input High
Voltage
RESET
VIHR
2.5
—
VCC
V
Input High
Voltage
MODA, MODB,
MODC
VIHM
3.5
—
VCC
V
Input Low
Voltage
MODA, MODB,
MODC
VILM
–0.5
—
2.0
V
Input Leakage
Current
—Iin
–10
—
10
µA
Tri-State (Off-
State) Input
Current
@2.4 V/0.5 V
ITSI
–10
—
10
µA
Output High
Voltage
IOH = –10 µA
VOHC
VCC –
0.1
——
V
Output High
Voltage
IOH = –0.4 mA
VOH
2.4
—
—
V
Output Low
Voltage
IOL = 10 µA
VOLC
—
—
0.1
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com