| Electronic Components Datasheet Search |
|
DSP96002UM/AD Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP96002UM/AD Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 111 page ![]() Signal/Connection Descriptions Port A and Port B MOTOROLA DSP96002/D, Rev. 2 1-7 AD0–AD31 BD0–BD31 Input/ Output Tri-stated Data Bus —D0–D31 are tri-state, active high, bidirectional input/outputs whether the DSP is a bus master or not. The Data Enable (DE) input acts as an output enable control for D0–D31. As a bus master, the data lines are controlled by the CPU instruction execution or the DMA controller. D0– D31 are also the Host Interface data lines. If there is no external bus activity, D0–D31 are tri-stated. AS0–AS1 BS0–BS1 Output Tri-stated Space Select— These signals can be viewed in different ways, depending on how the external memories are mapped. They support splitting memory spaces among ports, and mapping multiple memory spaces into the same physical memory locations. S0 and S1 are outputs when the DSP is the bus master and tri-stated when the DSP is not a bus master. Timing is the same as the address lines A0– A31. AR/W BR/W Input or Output Tri-stated Read/Write— R/W is a an output when the DSP is the bus master and an input when not a bus master. Bus master timing is the same as the DSP96002 address lines, giving an “early write” signal for DRAM interfacing. R/W is high for a read access and low for a write access. The R/W pin is also the Host Interface read/write input. As an input, R/W may change asynchronously relative to the input clock. R/W goes high if the external bus is not used during an instruction cycle. AWR BWR Output Tri-stated Write Strobe —WR is an output when the DSP is the bus master and tri-stated when it is not a bus master. WR supports a glueless interface to external SRAMs. WR is asserted during external memory write cycles to indicate that the address lines A0–A32, S1, S0, BS, BL, and R/W are stable. The output data goes to the data bus after WR is asserted. WR requires a weak external pull-up resistor and can be connected directly to the WE pin of a Static RAM. ABS BBS Output Tri-stated Bus Strobe— BS is an output when the DSP is the bus master and tri-stated when it is not a bus master. Bus strobe is asserted at the start of a bus cycle (providing an “early bus start” signal for DRAM interfacing) and deasserted at the end of the bus cycle. The early negation provides an “early bus end” signal useful for external bus control. If the external bus is not used during an instruction cycle, BS remains deasserted until the next external bus cycle. Table 1-6 Port A and Port B (Continued) Signal Name Type State During Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |