Electronic Components Datasheet Search
  English  ▼

X  

PCAL9714 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 28Page - NXP Semiconductors PCAL9714 Datasheet HTML 29Page - NXP Semiconductors PCAL9714 Datasheet HTML 30Page - NXP Semiconductors PCAL9714 Datasheet HTML 31Page - NXP Semiconductors PCAL9714 Datasheet HTML 32Page - NXP Semiconductors PCAL9714 Datasheet HTML 33Page - NXP Semiconductors PCAL9714 Datasheet HTML 34Page - NXP Semiconductors PCAL9714 Datasheet HTML 35Page - NXP Semiconductors PCAL9714 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
9 Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(SPI)
SPI supply voltage
1.1
5.5
V
VDD(P)
supply voltage port P
1.65
5.5
V
SCLK, SDIN, CS, RESET, ADDR
0.7×VDD(SPI)
5.5
V
VIH
HIGH-level input voltage
P1_5 to P0_0
0.7×VDD(P)
5.5
V
SCLK, SDIN, CS, RESET, ADDR
-0.5
0.3×VDD(SPI)
V
VIL
LOW-level input voltage
P1_5 to P0_0
-0.5
0.3×VDD(P)
V
IOH
HIGH-level output current
P1_5 to P0_0
-
10
mA
IOL
LOW-level output current
P1_5 to P0_0
-
25
mA
Tamb
ambient temperature
operating in free air;
PCAL9714HN
-40
+85
°C
operating in free air;
PCAL9714HN/Q900
-40
+125
°C
Table 46. Operating conditions
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
32 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com