Electronic Components Datasheet Search
  English  ▼

X  

PCAL9714 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCAL9714 Datasheet HTML 1Page - NXP Semiconductors PCAL9714 Datasheet HTML 2Page - NXP Semiconductors PCAL9714 Datasheet HTML 3Page - NXP Semiconductors PCAL9714 Datasheet HTML 4Page - NXP Semiconductors PCAL9714 Datasheet HTML 5Page - NXP Semiconductors PCAL9714 Datasheet HTML 6Page - NXP Semiconductors PCAL9714 Datasheet HTML 7Page - NXP Semiconductors PCAL9714 Datasheet HTML 8Page - NXP Semiconductors PCAL9714 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
3 Ordering information
Package
Type number
Topside
mark
Name
Description
Version
PCAL9714HN
9714
HVQFN24
plastic, thermal enhanced very thin quad flat package; 0.125 dimple
wettable flank; 24 terminals; 0.5 mm pitch; 4 mm x 4 mm x 0.85 mm body
SOT616-3
PCAL9714HN/Q900 [1]
Q714
HVQFN24
plastic, thermal enhanced very thin quad flat package; 0.125 dimple
wettable flank; 24 terminals; 0.5 mm pitch; 4 mm x 4 mm x 0.85 mm body
SOT616-3
Table 1. Ordering information
[1]
Automotive AEC-Q100 (Grade 1) compliant. Contact NXP support for PPAP.
3.1 Ordering options
Type number
Orderable part number
Package
Packing method
Minimum order
quantity
Temperature range
PCAL9714HN
PCAL9714HNMP
HVQFN24
Reel 13” Q2/T3 SMD
DP
6000
Tamb = -40 °C to +85 °C
PCAL9714HN/Q900 [1]
PCAL9714HN/Q900MP
HVQFN24
Reel 13” Q2/T3 SMD
DP
6000
Tamb = -40 °C to +125 °C
Table 2. Ordering options
[1]
Automotive AEC-Q100 (Grade 1) compliant. Contact NXP support for PPAP.
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
4 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com