Electronic Components Datasheet Search
  English  ▼

X  

PCAL9714 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 45Page - NXP Semiconductors PCAL9714 Datasheet HTML 46Page - NXP Semiconductors PCAL9714 Datasheet HTML 47Page - NXP Semiconductors PCAL9714 Datasheet HTML 48Page - NXP Semiconductors PCAL9714 Datasheet HTML 49Page - NXP Semiconductors PCAL9714 Datasheet HTML 50Page - NXP Semiconductors PCAL9714 Datasheet HTML 51Page - NXP Semiconductors PCAL9714 Datasheet HTML 52Page - NXP Semiconductors PCAL9714 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
16 Soldering: PCB footprints
SOT616-3
Footprint information for reflow soldering of HVQFN24 package
SLx
Bx
0.125
Hy Gy
C
sot616-3_fr
Dimensions in mm
Ay
Bx
SLy
SPx
SPy
SPy tot
P
5.00
3.20
By
3.20
2.50
2.50
SLx
0.55
0.55
1.50
SPx tot
1.50
nSPx
2
nSPy
2
C
0.90
D
0.24
0.50
Ax
5.00
Hx
5.25
Hy
5.25
Gx
4.30
Gy
4.30
Issue date 09-06-15
14-06-12
solder land plus solder paste
solder land (SL)
solder paste deposit (SP)
occupied area
recommend stencil thickness: 0.1 mm
Gx
Hx
D
0.105
P
Ax
SLy By Ay
SPx
SPy
0.19
0.24
0.9
0.85
SPx tot
SPy tot
nSPy
nSPx
detail X
Figure 37. PCB footprint for SOT616-3 (HVQFN24); reflow soldering
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
49 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com