Electronic Components Datasheet Search
  English  ▼

X  

PCAL9714 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 40Page - NXP Semiconductors PCAL9714 Datasheet HTML 41Page - NXP Semiconductors PCAL9714 Datasheet HTML 42Page - NXP Semiconductors PCAL9714 Datasheet HTML 43Page - NXP Semiconductors PCAL9714 Datasheet HTML 44Page - NXP Semiconductors PCAL9714 Datasheet HTML 45Page - NXP Semiconductors PCAL9714 Datasheet HTML 46Page - NXP Semiconductors PCAL9714 Datasheet HTML 47Page - NXP Semiconductors PCAL9714 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
aaa-015953
DUT
CL = 100 pF
500
Pn
2 × VDD(P)
500
a. P port load configuration
1 0 0 0 0 0 0
0
slave address
register address
data from port 0
data from port 1
unstable
data
CS
SDIN
SDOUT
DATA 01
DATA 11
0 0 0 0 0 0 0
0
R/W
1
2
3
4
5
6
7
8
SCLK
P0n
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
27 28 29 30 31 32
P1n
DATA 11
aaa-015954
View A - A
SCLK
Pn
24th
tv(Q)
0.3 × VDD(SPI)
0.7 × VDD(SPI)
A
A
DATA 01
26
b. Write mode (R/W = 0)
SCLK
Pn
24th
0.3 × VDD(SPI)
0.5 × VDD(P)
0.7 × VDD(SPI)
th(D)
tsu(D)
aaa-015955
c. Read mode (R/W = 1)
CL includes probe and jig capacitance.
tv(Q) is measured from 0.7 x VDD(SPI) on SCLK to 50 % I/O (Pn) output.
All inputs are supplied by generators having the following characteristics: PRR ≤ 10 MHz; Zo = 50 Ω; tr/tf ≤ 30 ns.
The outputs are measured one at a time, with one transition per measurement.
All parameters and waveforms are not applicable to all devices.
Figure 33. P port load circuit and voltage waveforms
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
44 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com