Electronic Components Datasheet Search
  English  ▼

X  

PCAL9714 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 2Page - NXP Semiconductors PCAL9714 Datasheet HTML 3Page - NXP Semiconductors PCAL9714 Datasheet HTML 4Page - NXP Semiconductors PCAL9714 Datasheet HTML 5Page - NXP Semiconductors PCAL9714 Datasheet HTML 6Page - NXP Semiconductors PCAL9714 Datasheet HTML 7Page - NXP Semiconductors PCAL9714 Datasheet HTML 8Page - NXP Semiconductors PCAL9714 Datasheet HTML 9Page - NXP Semiconductors PCAL9714 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
5 Pinning information
5.1 Pinning
aaa-042111
Transparent top view
P1_3
P0_4
P0_5
P1_4
P0_3
P1_5
P0_2
CS
P0_1
SDOUT
P0_0
ADDR
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18
PCAL9714HN
1. The exposed center pad, if used, must be connected only as a secondary ground or must be left electrically open.
Figure 2. Pin configuration for HVQFN24
5.2 Pin description
Symbol
Pin
Description
INT
22
Interrupt output. Connect to VDD(SPI) or VDD(P) through a pullup resistor.
VDD(SPI)
23
Supply voltage of SPI bus. Connect directly to the VDD of the external SPI master.
Provides voltage-level translation.
RESET
24
Active LOW reset input. Connect to VDD(SPI) if no external logic signal is driving the
pin.
P0_0[1]
1
Port 0 input/output 0.
P0_1[1]
2
Port 0 input/output 1.
P0_2[1]
3
Port 0 input/output 2.
P0_3[1]
4
Port 0 input/output 3.
P0_4[1]
5
Port 0 input/output 4.
P0_5[1]
6
Port 0 input/output 5.
P0_6[1]
7
Port 0 input/output 6.
P0_7[1]
8
Port 0 input/output 7.
VSS
9
Ground.
P1_0[2]
10
Port 1 input/output 0.
P1_1[2]
11
Port 1 input/output 1.
P1_2[2]
12
Port 1 input/output 2.
P1_3[2]
13
Port 1 input/output 3.
P1_4[2]
14
Port 1 input/output 4.
Table 3. Pin description
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
6 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com