Electronic Components Datasheet Search
  English  ▼

X  

DP83255AVF Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 20Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 21Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 22Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 23Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 24Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 25Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 26Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 27Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
50 Registers (Continued)
INTERRUPT CONDITION REGISTER (ICR)
The Interrupt Condition Register records the occurrence of an internal error event the detection of Line State an unsuccessful
write by the Control Bus Interface the expiration of an internal counter or the assertion of one or more of the User Definable
Sense pins
The Interrupt Condition Register will assert the Interrupt pin (INT) when one or more bits within the register are set to 1 and the
corresponding mask bits in the Interrupt Condition Mask Register (ICMR) are also set to 1
ACCESS RULES
ADDRESS
READ
WRITE
02h
Always
Conditional
D7
D6
D5
D4
D3
D2
D1
D0
UDI
RCB
RCA
LEMT
CWI
CCR
CPE
DPE
Bit
Symbol
Description
D0
DPE
PHY
REQUEST
DATA PARITY ERROR
This bit will be set to 1 when
(1) The PHY Request Data Parity Enable bit (PRDPE) of the Current Transmit State Register
(CTSR) is set to 1 and
(2) The Transmitter Block detects a parity error in the incoming PHY Request Data
The source of the data can be from the PHY Invalid Bus the Receiver Bus the A
Bus or the
B
Bus of the Configuration Switch
D1
CPE
CONTROL BUS DATA PARITY ERROR
This bit will be set to 1 when
(1) The Control Bus Parity Enable pin is asserted (CBPE e VCC) and
(2) The Control Bus Interface detects a parity error in the incoming Control Bus Data
(CBDk70l) during a write cycle
D2
CCR
CONTROL BUS WRITE COMMAND REJECT
This bit will be set to 1 when an attempt to
write into one of the following read-only registers is made
Current Receive State Register (Register 08 CRSR)
Current Noise Count Register (Register 0F CNCR)
Current Noise Prescale Count Register (Register 10 CNPCR)
Current State Count Register (Register 13 CSCR)
Current State Prescale Count Register (Register 14 CSPCR)
Current Link Error Count Register (Register 16 CLECR)
Device ID Register (Register 18 IDR)
Current Injection Count Register (Register 19 CIJCR)
Reserved Register 0 (Register 1E RR0)
Reserved Register 1 (Register 1F RR1)
D3
CWI
CONDITIONAL WRITE INHIBIT
Set to 1 when bits within mentioned registers do not match
bits in compare register This bit ensures that new (ie unread) data is not inadvertently
cleared while old data is being cleared through the Control Bus Interface
This bit is set to 1 to prevent the setting or clearing of any bit within the following registers
Interrupt Condition Register (Register 02 ICR)
Current Transmit State Register (Register 04 CTSR)
Receive Condition Register A (Register 09 RCRA)
Receive Condition Register B (Register 0A RCRB)
when they differ from the value of the corresponding bit in the following registers respectively
Interrupt Condition Compare Register (Register 1A ICCR)
Current Transmit State Compare Register (Register 1B CTSCR)
Receive Condition Compare Register A (Register 1C RCCRA)
Receive Condition Compare Register B (Register 1D RCCRB)
This bit must be cleared by software Note that this differs from the BMAC device bit of the
same name
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com