Electronic Components Datasheet Search
  English  ▼

X  

DP83255AVF Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 88Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 89Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 90Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 91Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 92Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 93Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 94Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 95Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 96Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
80 Detailed Descriptions (Continued)
86 NATIONAL BYTE-WIDE CODE FOR PHY-MAC IN-
TERFACE
The PLAYER device outputs the National byte-wide code
from its PHY Port Indicate Output to the MAC device Each
National byte-wide code may contain data or control codes
or the line state information of the connection Table 8-2
lists all the possible outputs
During Active Line State all data and control symbols are
being repeated to the PHY Port Indicate Output with the
exception of data in data-control mixture bytes That data
sybmol is replaced by zero If only one symbol in a byte is a
control symbol the data symbol will be replaced by 0000
and the whole byte will be presented as control code Note
that the Line State Detector recognizes the incoming data
to be in the Active Line State upon reception of the Starting
Delimiter (JK symbol pair)
During Idle Line State any non Idle symbols will be reflected
as the code I’uILS If both symbols received during Idle
Line State are Idle symbols then the Symbol Decoder gen-
erates I’kILS as its output Note that in this case the coded
byte is represented in the form Receive State (b7 – 4)
KnownUnknown Bit (b3) and the Last Known Line State
(b2 – 0) The Receive State is 4 bits long and it represents
either the PHY Invalid (0011) or the Idle Line State (1011)
condition The KnownUnknown Bit shows if the symbols
received match the line state information in the last 3 bits
During any line state other than Idle Line State or Active
Line State the Symbol Decoder generates the code V kLS
if the incoming symbols match the current line state The
symbol decoder generates V’uLS if the incoming symbols
do not match the current line state
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com