Electronic Components Datasheet Search
  English  ▼

X  

DP83255AVF Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 42Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 43Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 44Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 45Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 46Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 47Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 48Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 49Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
50 Registers (Continued)
LINK ERROR THRESHOLD REGISTER (LETR)
The Link Error Threshold Register contains the start value for the Link Error Monitor Counter which is an 8-bit down-counter that
decrements if link errors are detected
When the Counter reaches 0 the Link Error Monitor Threshold Register value is loaded into the Link Error Monitor Counter and
the Link Error Monitor Threshold bit (LEMT) of the Interrupt Condition Register (ICR) is set to 1
The Link Error Monitor Threshold Register value is also loaded into the Link Error Monitor Counter during every Control Bus
Interface write-cycle of LETR
The Counter is initialized to 0 during the reset process (ie RST e GND)
ACCESS RULES
ADDRESS
READ
WRITE
15h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
LET7
LET6
LET5
LET4
LET3
LET2
LET1
LET0
Bit
Symbol
Description
D0
LET0
LINK ERROR THRESHOLD BIT k0l
Least significant bit of the start value
for the Link Error Monitor Counter
D1–6
LET1–6
LINK ERROR THRESHOLD BIT k1–6l
Intermediate bits of start value for
the Link Error Monitor Counter
D7
LET7
LINK ERROR THRESHOLD BIT k7l
Most significant bit of the start value
for the Link Error Monitor Counter
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com