Electronic Components Datasheet Search
  English  ▼

X  

DSP56721 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button DSP56721 Datasheet HTML 22Page - NXP Semiconductors DSP56721 Datasheet HTML 23Page - NXP Semiconductors DSP56721 Datasheet HTML 24Page - NXP Semiconductors DSP56721 Datasheet HTML 25Page - NXP Semiconductors DSP56721 Datasheet HTML 26Page - NXP Semiconductors DSP56721 Datasheet HTML 27Page - NXP Semiconductors DSP56721 Datasheet HTML 28Page - NXP Semiconductors DSP56721 Datasheet HTML 29Page - NXP Semiconductors DSP56721 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5
Freescale Semiconductor
26
2.12
Programming the SHI I2C Serial Clock
The programmed serial clock cycle, TI2CCP, is specified by the value of the HDM[7:0] and HRS bits of the HCKR (SHI clock
control register).
The expression for T I2CCP is
T I2CCP = [TC × 2 × (HDM[7:0] + 1) × (7 × (1 — HRS) + 1)]
Eqn. 4
where
— HRS is the pre scaler rate select bit. When HRS is cleared, the fixed
divide-by-eight pre scaler is operational. When HRS is set, the pre scaler is bypassed.
— HDM[7:0] are the divider modulus select bits. A divide ratio from 1 to 256 (HDM[7:0] = $00 to $FF) may be
selected.
In I
2C mode, the user may select a value for the programmed serial clock cycle from
6
× TC (if HDM[7:0] = $02 and HRS = 1)
Eqn. 5
to
4096
× TC (if HDM[7:0] = $FF and HRS = 0)
Eqn. 6
The programmed serial clock cycle (TI2CCP) should be chosen in order to achieve the desired SCL serial clock cycle (TSCL), as
shown in Equation 4.
TI2CCP + 3 × TC + 45ns + TR
(Nominal, SCL Serial Clock Cycle (TSCL) generated as master)
Eqn. 7
60
HREQ in assertion to first SCL edge
• Filters bypassed
• Very Narrow filters enabled
• Narrow filters enabled
• Wide filters enabled
TAS;RQI
4327
4317
4282
4227
—
—
—
—
927
917
877
827
—
—
—
—
ns
ns
ns
ns
61
First SCL edge to HREQ is not asserted
(HREQ in hold time.)
tHO;RQI
0.0
—
0.0
—
ns
Notes:
1. VCORE_VDD = 1.00± 0.10 V; TJ = –40°C to 100°C; CL = 50 pF.
2. Pull-up resistor: R P (min) = 1.5k
Ω.
3. Capacitive load: C b (max) = 50 pF.
4. All times assume noise free inputs.
5. All times assume internal clock frequency of 200 MHz.
6. SHI_1 specs match those of SHI.
7. Master Mode
Table 9. SHI I2C Protocol Timing Parameters (Continued)
Standard I2C
No.
Characteristics1,2,3,4,5
Symbol/
Expression
Standard
Fast-Mode
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com