Electronic Components Datasheet Search
  English  ▼

X  

DSP56721 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 1 Page - NXP Semiconductors

  DSP56721 Datasheet HTML 1Page - NXP Semiconductors DSP56721 Datasheet HTML 2Page - NXP Semiconductors DSP56721 Datasheet HTML 3Page - NXP Semiconductors DSP56721 Datasheet HTML 4Page - NXP Semiconductors DSP56721 Datasheet HTML 5Page - NXP Semiconductors DSP56721 Datasheet HTML 6Page - NXP Semiconductors DSP56721 Datasheet HTML 7Page - NXP Semiconductors DSP56721 Datasheet HTML 8Page - NXP Semiconductors DSP56721 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
DSP56720/DSP56721
DSP56720
144-Pin LQFP
20 mm
× 20 mm
0.5 mm pitch
DSP56721
80-Pin LQFP
14 mm
× 14 mm
0.65 mm pitch
144-Pin LQFP
20 mm
× 20 mm
0.5 mm pitch
Document Number: DSP56720EC
Rev. 5, 02/2009
The Symphony DSP56720/DSP56721 Multi-Core Audio
Processors are part of the DSP5672x family of programmable
CMOS DSPs, designed using multiple DSP56300 24-bit
cores.
The DSP56720/DSP56721 devices are intended for
automotive, consumer, and professional audio applications
that require high performance for audio processing. In
addition, the DSP56720 is ideally suited for applications that
need the capability to expand memory off-chip or to interface
to external parallel peripherals. Potential applications include
A/V receivers, HD-DVD and Blu-Ray players, car
audio/amplifiers, and professional recording equipment.
The DSP56720/DSP56721 devices excel at audio processing
for automotive and consumer audio applications requiring
high MIPs. Higher MIPs and memory requirements are driven
by the new high-definition audio standards (Dolby Digital+,
Dolby TrueHD, DTS-HD, for example) and the desire to
process multiple audio streams.
In addition, DSP56720/DSP56721 devices are optimal for the
professional audio market requiring audio recording, signal
processing, and digital audio synthesis.
The DSP56720/DSP56721 processors provide a wealth of
on-chip audio processing functions, via a plug and play
software architecture system that supports audio decoding
algorithms, various equalization algorithms, compression,
signal generator, tone control, fade/balance, level
meter/spectrum analyzer, among others. The
DSP56720/DSP56721 devices also support various matrix
decoders and sound field processing algorithms.
With two DSP56300 cores, a single DSP56720 or DSP56721
device can replace dual-DSP designs, saving costs while
meeting high MIPs requirements. Legacy peripherals from the
previous DSP5636x/7x families are included, as well as a
variety of new modules. Included among the new modules are
an Asynchronous Sample Rate Converter (ASRC), Inter-Core
Communication (ICC), an External Memory Controller
(EMC) to support SDRAM, and a Sony/Philips Digital
Interface (S/PDIF).
The DSP56720/DSP56721 offer 200 million instructions per
second (MIPs) per core using an internal 200 MHz clock.
The DSP56720/DSP56721 are high density CMOS devices
with 3.3 V inputs and outputs.
The DSP56720 device is slightly different than the DSP56721
device—the DSP56720 includes an external memory
interface while the DSP56721 device does not. The
DSP56720 block diagram is shown in Figure 1; the
DSP56721 block diagram is shown in Figure 2.
Symphony™
DSP56720/DSP56721
Multi-Core Audio Processors


Similar Part No. - DSP56721

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56721 FREESCALE-DSP56721 Datasheet
1,018Kb / 54P
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
More results

Similar Description - DSP56721

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56004 FREESCALE-DSP56004 Datasheet
617Kb / 82P
SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
DSP56720 FREESCALE-DSP56720 Datasheet
1,018Kb / 54P
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
DSP56724 FREESCALE-DSP56724 Datasheet
830Kb / 48P
Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
NXP Semiconductors
DSP56004 NXP-DSP56004 Datasheet
909Kb / 82P
SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com