Electronic Components Datasheet Search
  English  ▼

X  

DSP56721 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button DSP56721 Datasheet HTML 28Page - NXP Semiconductors DSP56721 Datasheet HTML 29Page - NXP Semiconductors DSP56721 Datasheet HTML 30Page - NXP Semiconductors DSP56721 Datasheet HTML 31Page - NXP Semiconductors DSP56721 Datasheet HTML 32Page - NXP Semiconductors DSP56721 Datasheet HTML 33Page - NXP Semiconductors DSP56721 Datasheet HTML 34Page - NXP Semiconductors DSP56721 Datasheet HTML 35Page - NXP Semiconductors DSP56721 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5
Freescale Semiconductor
32
Figure 23. ESAI HCKR Timing
2.14
Timer Timing
Table 11 lists the timer timing parameters and Figure 24 shows the timing diagram.
Figure 24. TIO Timer Event Input Restrictions Diagram
2.15
GPIO Timing
Table 12 lists the general purpose input and output (GPIO) timing and Figure 25 shows the timing diagram.
Table 11. Timer Timing Parameters
No.
Characteristics
Expression
Unit
Min
Max
98
TIO Low
2
× TC + 2.0
12.0
—
ns
99
TIO High
2
× TC + 2.0
12.0
—
ns
Notes:
1. VCORE_VDD = 1.00 V ± 0.10 V; TJ = –40°C to 100°C, CL = 50 pF
2. TIMER_1 specs match those of TIMER
Table 12. GPIO Timing Parameters
No.
Characteristics1
Expression
Min
Max
Unit
100
Fsys edge to GPIO out valid (GPIO out delay time)2
——
7
ns
101
Fsys edge to GPIO out not valid (GPIO out hold time)2
——
7
ns
102
Fsys In valid to EXTAL edge (GPIO in set-up time)2
—2
—
ns
103
Fsys edge to GPIO in not valid (GPIO in hold time)2
—0
—
ns
104
Minimum GPIO pulse high width
2
× TC
10
—
ns
97
95
HCKR
SCKR
(Output)
99
98
TIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com