Electronic Components Datasheet Search
  English  ▼

X  

DSP56721 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button DSP56721 Datasheet HTML 5Page - NXP Semiconductors DSP56721 Datasheet HTML 6Page - NXP Semiconductors DSP56721 Datasheet HTML 7Page - NXP Semiconductors DSP56721 Datasheet HTML 8Page - NXP Semiconductors DSP56721 Datasheet HTML 9Page - NXP Semiconductors DSP56721 Datasheet HTML 10Page - NXP Semiconductors DSP56721 Datasheet HTML 11Page - NXP Semiconductors DSP56721 Datasheet HTML 12Page - NXP Semiconductors DSP56721 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5
Freescale Semiconductor
9
2.2
Thermal Characteristics
Table 3 provides the thermal characteristics for the device.
The average chip-junction temperature (TJ) in °C can be obtained from:
TJ = TA + (PD × θJMA)
Where:
•TA = Ambient Temperature, °C
•
θ
JMA= Package Thermal Resistance, Junction-to-Ambient, °C/W
•PD = PINT + PI/O
•PINT = IDD × VDD, Watts – Chip Internal Power
•PI/O = Power Dissipation on Input and Output Pins—User Determined
For most applications, PI/O < PINT and can be ignored. PD can be calculated using the worst-case conditions of 1.1 V and
780 mA. See Table 4 for more information.
To find TJ at 100° C, using the worst-case conditions and a four-layer board:
Storage temperature
TSTG
–65 to +150
°C
ESD protected voltage (Human Body Model)
—
2000
V
ESD protected voltage (Charged Device)
• All pins
• Corner pins
—
500
750
V
Note:
1. GND = 0 V, TJ = –40° C to 100° C, CL = 50 pF
2. Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress
beyond the maximum rating may affect device reliability or cause permanent damage to the device.
3. If the power supply ramp to full supply time is longer than 10 ms, the POR circuitry will not operate correctly, causing
erroneous operation.
Table 3. Thermal Characteristics
Characteristic
Board Type
Symbol
LQFP Values
Unit
Natural Convection, Junction-to-ambient thermal resistance1,2
Single layer board
(1s)
RθJA or θJA
57 for 80 QFP
49 for 144 QFP
°C/W
Four layer board
(2s2p)
44 for 80 QFP
40 for 144 QFP
°C/W
Junction-to-case thermal resistance3
—RθJC or θJC 10 for 80 QFP
9 for 144 QFP
°C/W
Notes:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2, Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3. Thermal resistance between the die and the case top surface as measured by the cold plate method
(MIL SPEC-883 Method 1012.1).
Table 2. Maximum Ratings (Continued)
Rating1
Symbol
Value1, 2
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com